Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSUSB40 Datasheet (PDF) - Fairchild Semiconductor

FSUSB40 Datasheet PDF - Fairchild Semiconductor
Part # FSUSB40
Download  FSUSB40 Download

File Size   140.99 Kbytes
Page   2 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch

FSUSB40 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSUSB40 Datasheet PDF - Fairchild Semiconductor

Part # FSUSB40
Download  FSUSB40 Click to download

File Size   140.99 Kbytes
Page   2 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch

FSUSB40 Datasheet (HTML) - Fairchild Semiconductor




Similar Part No. - FSUSB40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB40 FAIRCHILD-FSUSB40 Datasheet
247Kb / 2P
   Low-Power, Two-Port, Hi-Speed,USB2.0 (480Mbps) Switch
logo
ON Semiconductor
FSUSB40 ONSEMI-FSUSB40 Datasheet
653Kb / 12P
   Low-Power, Two-Port, Hi-Speed, USB2.0 Switch
March 2013 Rev. 1.0.8
logo
Fairchild Semiconductor
FSUSB40L10X FAIRCHILD-FSUSB40L10X Datasheet
247Kb / 2P
   Low-Power, Two-Port, Hi-Speed,USB2.0 (480Mbps) Switch
logo
ON Semiconductor
FSUSB40L10X ONSEMI-FSUSB40L10X Datasheet
653Kb / 12P
   Low-Power, Two-Port, Hi-Speed, USB2.0 Switch
March 2013 Rev. 1.0.8
logo
Fairchild Semiconductor
FSUSB40UMX FAIRCHILD-FSUSB40UMX Datasheet
247Kb / 2P
   Low-Power, Two-Port, Hi-Speed,USB2.0 (480Mbps) Switch
More results


Similar Description - FSUSB40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB42 FAIRCHILD-FSUSB42_08 Datasheet
250Kb / 2P
   Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB104 FAIRCHILD-FSUSB104 Datasheet
397Kb / 2P
   Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB40 FAIRCHILD-FSUSB40_08 Datasheet
247Kb / 2P
   Low-Power, Two-Port, Hi-Speed,USB2.0 (480Mbps) Switch
FSUSB42 FAIRCHILD-FSUSB42 Datasheet
147Kb / 2P
   Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB42 FAIRCHILD-FSUSB42_12 Datasheet
723Kb / 10P
   Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) UART Switch
FSUSB42MUX FAIRCHILD-FSUSB42MUX Datasheet
1Mb / 10P
   FSUSB42 ??Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) UART Switch
FSUSB43 FAIRCHILD-FSUSB43 Datasheet
248Kb / 2P
   Low-Power, Two-Port, High-Speed, USB2.0 (480Mbps) Switch
logo
ON Semiconductor
FSUSB40 ONSEMI-FSUSB40 Datasheet
653Kb / 12P
   Low-Power, Two-Port, Hi-Speed, USB2.0 Switch
March 2013 Rev. 1.0.8
FSUSB104 ONSEMI-FSUSB104 Datasheet
230Kb / 9P
   Low-Power, Two-Port, Hi-Speed, USB2.0 Switch
November-2017, Rev. 2
logo
AiT Semiconductor Inc.
A4730 AITSEMI-A4730 Datasheet
698Kb / 13P
   DPDT ANALOG SWITCH LOW-POWER, TWO-PORT, HIGH-SPEED, USB2.0 (480Mbps)
REV1.0
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com