Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8654 Datasheet (PDF) - Maxim Integrated Products

MAX8654 Datasheet PDF - Maxim Integrated Products
Part # MAX8654
Download  MAX8654 Download

File Size   484.02 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 12V, 8A 1.2MHz Step-Down Regulator

MAX8654 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8654 Datasheet PDF - Maxim Integrated Products

Part # MAX8654
Download  MAX8654 Click to download

File Size   484.02 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 12V, 8A 1.2MHz Step-Down Regulator

MAX8654 Datasheet (HTML) - Maxim Integrated Products

Back Button MAX8654 Datasheet HTML 1Page - Maxim Integrated Products MAX8654 Datasheet HTML 2Page - Maxim Integrated Products MAX8654 Datasheet HTML 3Page - Maxim Integrated Products MAX8654 Datasheet HTML 4Page - Maxim Integrated Products MAX8654 Datasheet HTML 5Page - Maxim Integrated Products MAX8654 Datasheet HTML 6Page - Maxim Integrated Products MAX8654 Datasheet HTML 7Page - Maxim Integrated Products MAX8654 Datasheet HTML 8Page - Maxim Integrated Products MAX8654 Datasheet HTML 9Page - Maxim Integrated Products MAX8654 Datasheet HTML 10Page - Maxim Integrated Products Next Button 

MAX8654 Product details

General Description
The MAX8654 high-efficiency switching regulator delivers up to 8A of load current at output voltages from 0.6V to 0.85 x VIN. The IC operates from 4.5V to 14V, making it ideal for on-board point-of-load and postregulation applications, with total output error less than ±1% over load, line, and temperature ranges.
The MAX8654 is a fixed-frequency PWM mode regulator with a switching frequency range of 250kHz to 1.2MHz set by an external resistor or SYNC input. High-frequency operation allows for an all-ceramic-capacitor solution. A SYNCOUT output is provided to synchronize a second regulator switching 180° out-of-phase with the first to reduce the input ripple current and consequently reduce the required input capacitance. The high operating frequency minimizes the size of external components.
The on-board low RDS(ON) dual-nMOS design keeps the board cooler at heavy loads while minimizing the critical inductances, making the layout a much simpler task with respect to the discrete solutions.

Features
♦ Internal 26mΩ RDS(ON) MOSFETs
♦ Guaranteed 8A Output Current
♦ Adjustable Overcurrent Protection
♦ 1% Output Accuracy Over Temperature
♦ Operates from 4.5V to 14V Supply
♦ Adjustable Output from 0.6V to 0.85 x VIN
♦ Soft-Start Reduces Inrush Supply Current
♦ 250kHz to 1.2MHz Adjustable Switching or SYNC Input
♦ Compatible with Ceramic, Polymer, and
   Electrolytic Output Capacitors
♦ SYNCOUT Synchronizes 2nd Regulator 180° Out-of-Phase
♦ 36-Pin, Lead-Free, 6mm x 6mm TQFN Package

Applications
   POL Power Supplies
   Servers
   DDR Memory
   RAID Power Supplies
   Network Power Supplies
   Graphic Cards




Similar Part No. - MAX8654

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8654 MAXIM-MAX8654 Datasheet
246Kb / 17P
   12V, 8A 1.2MHz Step-Down Regulator
Rev 2; 7/09
MAX8654 MAXIM-MAX8654 Datasheet
220Kb / 17P
   12V, 8A 1.2MHz Step-Down Regulator Operates from 4.5V to 14V Supply
Rev 3; 6/11
MAX8654 MAXIM-MAX8654 Datasheet
699Kb / 13P
   Operates from 4.5V to 14V Supply
Rev 1; 10/08
MAX8654ETX MAXIM-MAX8654ETX Datasheet
220Kb / 17P
   12V, 8A 1.2MHz Step-Down Regulator Operates from 4.5V to 14V Supply
Rev 3; 6/11
MAX8654ETX++ MAXIM-MAX8654ETX+ Datasheet
246Kb / 17P
   12V, 8A 1.2MHz Step-Down Regulator
Rev 2; 7/09
More results


Similar Description - MAX8654

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8654 MAXIM-MAX8654_09 Datasheet
246Kb / 17P
   12V, 8A 1.2MHz Step-Down Regulator
Rev 2; 7/09
MAX8654 MAXIM-MAX8654_11 Datasheet
220Kb / 17P
   12V, 8A 1.2MHz Step-Down Regulator Operates from 4.5V to 14V Supply
Rev 3; 6/11
logo
Global Mixed-mode Techn...
G5698 GMT-G5698 Datasheet
71Kb / 1P
   1.2MHz, 1.2A Synchronous Step-Down Regulator
logo
Shenzhen Huazhimei Semi...
HM3412 HMSEMI-HM3412 Datasheet
2Mb / 10P
   6V 6.0A 1.2MHz Synchronous Step-Down Regulator
logo
Linear Technology
LTC3418 LINER-LTC3418 Datasheet
291Kb / 20P
   8A, 4MHz, Monolithic Synchronous Step-Down Regulator
logo
Fairchild Semiconductor
FAN8060 FAIRCHILD-FAN8060 Datasheet
507Kb / 13P
   1.2MHz, 1A Synchronous Step-Down DC/DC Regulator
logo
Linear Technology
LTC3418 LINER-LTC3418_15 Datasheet
357Kb / 20P
   8A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTM4608AEV LINER-LTM4608AEV Datasheet
1Mb / 6P
   8A Step-Down Power 關Module짰 Regulator
logo
Exar Corporation
XR76108 EXAR-XR76108 Datasheet
1Mb / 17P
   8A and 12A Synchronous Step Down COT Regulator
XR76203 EXAR-XR76203 Datasheet
1Mb / 20P
   3A/5A/8A Synchronous Step Down COT Regulator
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com