Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML9XX11 Datasheet (PDF) - Mitsubishi Electric Semiconductor

ML9XX11 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # ML9XX11
Download  ML9XX11 Download

File Size   145.71 Kbytes
Page   4 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description InGaAsP-MQW-DFB LASER DIODES???

ML9XX11 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML9XX11 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # ML9XX11
Download  ML9XX11 Click to download

File Size   145.71 Kbytes
Page   4 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description InGaAsP-MQW-DFB LASER DIODES???

ML9XX11 Datasheet (HTML) - Mitsubishi Electric Semiconductor


ML9XX11 Product details

DESCRIPTION
ML9XX11, ML9XX16 and ML9XX22 series are DFB (Distributed Feedback) laser diodes emitting light beam with emission wavelength of 1470 ~ 1610 nm. They are well suited for light source in long distance digital transmission application of coarse WDM.
They are hermetically sealed devices with the photo diode for optical output monitoring.

FEATURES
• Homogeneous grating (AR/HR facet coating) structure DFB
• Wide temperature range operation ( 0 to 85ºC )
• Low threshold current (typical 8mA)
• High speed response (typical 0.1nsec)
• 8 wavelength with 20nm space at 1470 ~ 1610nm
• φ5.6mm TO-CAN package
• Flat window cap, or Aspherical lens cap

APPLICATION
• ~1.25Gbps digital transmission system
• Coarse WDM application




Similar Part No. - ML9XX11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML9XX11 MITSUBISHI-ML9XX11_04 Datasheet
178Kb / 4P
   Notice : Some parametric limits are subject to change InGaAsP DFB LASER DIODES
More results


Similar Description - ML9XX11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML7XX11 MITSUBISHI-ML7XX11 Datasheet
144Kb / 4P
   InGaAsP-MQW-DFB LASER DIODES?
ML9XX12 MITSUBISHI-ML9XX12 Datasheet
138Kb / 4P
   InGaAsP-MQW-DFB LASER DIODES???
ML7XX4 MITSUBISHI-ML7XX4 Datasheet
112Kb / 3P
   InGaAsP-MQW-DFB LASER DIODES???
ML9XX16 MITSUBISHI-ML9XX16 Datasheet
167Kb / 3P
   InGaAsP DFB LASER DIODES
logo
Optoway Technology Inc
DL-5100-1650 OPTOWAY-DL-5100-1650_07 Datasheet
113Kb / 3P
   1650 nm DFB LASER DIODES MQW-DFB LASER DIODES
logo
Mitsubishi Electric Sem...
ML725B11F MITSUBISHI-ML725B11F Datasheet
173Kb / 4P
   MITSUBISHI LASER DIODES InGaAsP DFB LASER DIODES
logo
Optoway Technology Inc
DL-3100 OPTOWAY-DL-3100 Datasheet
110Kb / 2P
   1310 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100 OPTOWAY-DL-5100_07 Datasheet
120Kb / 3P
   1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100-1490 OPTOWAY-DL-5100-1490 Datasheet
103Kb / 2P
   1490 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100-1625 OPTOWAY-DL-5100-1625_07 Datasheet
113Kb / 3P
   1625 nm DFB LASER DIODES MQW-DFB LASER DIODES
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com