Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N32T1630C1C Datasheet (PDF) - NanoAmp Solutions, Inc.

N32T1630C1C Datasheet PDF - NanoAmp Solutions, Inc.
Part # N32T1630C1C
Download  N32T1630C1C Download

File Size   334.71 Kbytes
Page   15 Pages
Manufacturer  NANOAMP [NanoAmp Solutions, Inc.]
Direct Link  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.
Description 32Mb Ultra-Low Power Asynchronous CMOS Pseudo SRAM

N32T1630C1C Datasheet (PDF)

Go To PDF Page Download Datasheet
N32T1630C1C Datasheet PDF - NanoAmp Solutions, Inc.

Part # N32T1630C1C
Download  N32T1630C1C Click to download

File Size   334.71 Kbytes
Page   15 Pages
Manufacturer  NANOAMP [NanoAmp Solutions, Inc.]
Direct Link  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.
Description 32Mb Ultra-Low Power Asynchronous CMOS Pseudo SRAM

N32T1630C1C Datasheet (HTML) - NanoAmp Solutions, Inc.

Back Button N32T1630C1C Datasheet HTML 1Page - NanoAmp Solutions, Inc. N32T1630C1C Datasheet HTML 2Page - NanoAmp Solutions, Inc. N32T1630C1C Datasheet HTML 3Page - NanoAmp Solutions, Inc. N32T1630C1C Datasheet HTML 4Page - NanoAmp Solutions, Inc. N32T1630C1C Datasheet HTML 5Page - NanoAmp Solutions, Inc. N32T1630C1C Datasheet HTML 6Page - NanoAmp Solutions, Inc. N32T1630C1C Datasheet HTML 7Page - NanoAmp Solutions, Inc. N32T1630C1C Datasheet HTML 8Page - NanoAmp Solutions, Inc. N32T1630C1C Datasheet HTML 9Page - NanoAmp Solutions, Inc. N32T1630C1C Datasheet HTML 10Page - NanoAmp Solutions, Inc. Next Button 

N32T1630C1C Product details

Overview
The N32T1630C1C is an integrated memory device containing a 32 Mbit SRAM built using a self-refresh DRAM array organized as 2,097,152 words by 16 bits. The device is designed and fabricated using NanoAmp’s advanced CMOS technology to provide both high-speed performance and ultra-low power. It is designed to be identical in operation and interface to standard 6T SRAMS.

Features
• Dual voltage for Optimum Performance:
    VccQ - 2.7 to 3.6 Volts
    Vcc - 2.7 to 3.6 Volts (Vcc ≤ VccQ)
• Fast random access time
    70ns at 2.7V
• Very fast page mode access time
    25ns page cycle and access
• Very low standby current
    80µA V (Typical)
• Very low operating current
    1.0mA at 1µs (Typical)
• Simple memory control
    Byte control for independent byte operation
    Output Enable (OE) for memory expansion
• Automatic power down to standby mode
• PAR and RMS power saving modes
• Deep sleep option
• TTL compatible three-state output driver




Similar Part No. - N32T1630C1C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N32T1630C1E ETC-N32T1630C1E Datasheet
336Kb / 14P
   32Mb Ultra-Low Power Asynchronous CMOS PSRAM
N32T1630C1EZ ETC-N32T1630C1EZ Datasheet
336Kb / 14P
   32Mb Ultra-Low Power Asynchronous CMOS PSRAM
N32T1630C1EZ-60I ETC-N32T1630C1EZ-60I Datasheet
336Kb / 14P
   32Mb Ultra-Low Power Asynchronous CMOS PSRAM
N32T1630C1EZ-70I ETC-N32T1630C1EZ-70I Datasheet
336Kb / 14P
   32Mb Ultra-Low Power Asynchronous CMOS PSRAM
More results


Similar Description - N32T1630C1C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N32T1630C1E ETC-N32T1630C1E Datasheet
336Kb / 14P
   32Mb Ultra-Low Power Asynchronous CMOS PSRAM
logo
ON Semiconductor
NO1L6183A ONSEMI-NO1L6183A Datasheet
1Mb / 10P
   Ultra-Low Power Asynchronous CMOS SRAM
July 2008 - Rev. 8
N01L6183A ONSEMI-N01L6183A Datasheet
1Mb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N01L163WN1A NANOAMP-N01L163WN1A Datasheet
260Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N16T1630C2B NANOAMP-N16T1630C2B Datasheet
245Kb / 9P
   16Mb Ultra-Low Power Asynchronous CMOS SRAM
N04L163WC1A NANOAMP-N04L163WC1A Datasheet
273Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
N02L163WN1A NANOAMP-N02L163WN1A Datasheet
272Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L083WC2A NANOAMP-N01L083WC2A Datasheet
118Kb / 1P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L163WC2A NANOAMP-N01L163WC2A Datasheet
274Kb / 11P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L1618N1A NANOAMP-N01L1618N1A Datasheet
222Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com