Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML7XX11 Datasheet (PDF) - Mitsubishi Electric Semiconductor

ML7XX11 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # ML7XX11
Download  ML7XX11 Download

File Size   144.23 Kbytes
Page   4 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description InGaAsP-MQW-DFB LASER DIODES?

ML7XX11 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML7XX11 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # ML7XX11
Download  ML7XX11 Click to download

File Size   144.23 Kbytes
Page   4 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description InGaAsP-MQW-DFB LASER DIODES?

ML7XX11 Datasheet (HTML) - Mitsubishi Electric Semiconductor


ML7XX11 Product details

DESCRIPTION
ML7XX11 series are MQW*-DFB** laser diodes emitting light beam around 1310nm.
They are well suited for light source in long distance digital transmission systems.
The ML776H11F are hermetically sealed device having the photodiode for optical output monitoring.
   * MQW : Multiple Quantum Well
   ** DFB : Distributed Feedback

APPLICATIONS
   Wide temperature range digital transmission system




Similar Part No. - ML7XX11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML7XX10 MITSUBISHI-ML7XX10 Datasheet
91Kb / 3P
   InGaAsP-MQW HIGH POWER LASER DIODES
ML7XX12 MITSUBISHI-ML7XX12 Datasheet
74Kb / 2P
   InGaAsP-MQW-FP LASER DIODES ARRATS
ML7XX16 MITSUBISHI-ML7XX16 Datasheet
51Kb / 2P
   2.5Gbps InGaAsP DFB LASER DIODE
ML7XX16 MITSUBISHI-ML7XX16_02 Datasheet
131Kb / 3P
   MITSUBISHI LASER DIODES 2.5Gbps InGaAsP DFB LASER DIODE
ML7XX19 MITSUBISHI-ML7XX19 Datasheet
200Kb / 4P
   MITSUBISHI LASER DIODES 1310nm InGaAsP FP LASER DIODES
More results


Similar Description - ML7XX11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML9XX12 MITSUBISHI-ML9XX12 Datasheet
138Kb / 4P
   InGaAsP-MQW-DFB LASER DIODES???
ML9XX11 MITSUBISHI-ML9XX11 Datasheet
145Kb / 4P
   InGaAsP-MQW-DFB LASER DIODES???
ML7XX4 MITSUBISHI-ML7XX4 Datasheet
112Kb / 3P
   InGaAsP-MQW-DFB LASER DIODES???
ML9XX16 MITSUBISHI-ML9XX16 Datasheet
167Kb / 3P
   InGaAsP DFB LASER DIODES
logo
Optoway Technology Inc
DL-5100-1650 OPTOWAY-DL-5100-1650_07 Datasheet
113Kb / 3P
   1650 nm DFB LASER DIODES MQW-DFB LASER DIODES
logo
Mitsubishi Electric Sem...
ML725B11F MITSUBISHI-ML725B11F Datasheet
173Kb / 4P
   MITSUBISHI LASER DIODES InGaAsP DFB LASER DIODES
logo
Optoway Technology Inc
DL-3100 OPTOWAY-DL-3100 Datasheet
110Kb / 2P
   1310 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100 OPTOWAY-DL-5100_07 Datasheet
120Kb / 3P
   1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100-1490 OPTOWAY-DL-5100-1490 Datasheet
103Kb / 2P
   1490 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100-1625 OPTOWAY-DL-5100-1625_07 Datasheet
113Kb / 3P
   1625 nm DFB LASER DIODES MQW-DFB LASER DIODES
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com