Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUD50N04-8M8P-4GE3 Datasheet (PDF) - BYCHIP ELECTRONICS CO., LIMITED

SUD50N04-8M8P-4GE3 Datasheet PDF - BYCHIP ELECTRONICS CO., LIMITED
Part # SUD50N04-8M8P-4GE3
Download  SUD50N04-8M8P-4GE3 Download
File Size   1049.42 Kbytes
Page   4 Pages
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED
Description N-channel Advanced Mode Power MOSFET

SUD50N04-8M8P-4GE3 Datasheet (PDF)

Go To PDF Page Download Datasheet
SUD50N04-8M8P-4GE3 Datasheet PDF - BYCHIP ELECTRONICS CO., LIMITED

Part # SUD50N04-8M8P-4GE3
Download  SUD50N04-8M8P-4GE3 Click to download

File Size   1049.42 Kbytes
Page   4 Pages
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED
Description N-channel Advanced Mode Power MOSFET

SUD50N04-8M8P-4GE3 Datasheet (HTML) - BYCHIP ELECTRONICS CO., LIMITED


SUD50N04-8M8P-4GE3 Product details

Features
VDS= 40V, ID= 150A
RDS(ON) < 2 mΩ @ VGS = 10V
RDS(ON) < 3 mΩ @ VGS = 4.5V

General Features
● Advanced Trench Technology
● Provide Excellent RDS(ON) and Low Gate
Charge
● Lead Free and Green Available




Similar Part No. - SUD50N04-8M8P-4GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD50N04-8M8P-4GE3 VISHAY-SUD50N04-8M8P-4GE3 Datasheet
143Kb / 7P
N-Channel 40-V (D-S) MOSFET
Rev. A, 05-May-08
SUD50N04-8M8P-4GE3 VISHAY-SUD50N04-8M8P-4GE3 Datasheet
166Kb / 9P
N-Channel 40-V (D-S) MOSFET
Rev. B, 18-Jan-10
More results


Similar Description - SUD50N04-8M8P-4GE3

ManufacturerPart #DatasheetDescription
logo
Ruichips Semiconductor ...
RU1H130R RUICHIPS-RU1H130R Datasheet
294Kb / 9P
N-Channel Advanced Power MOSFET
RU6H10R RUICHIPS-RU6H10R Datasheet
450Kb / 11P
N-Channel Advanced Power MOSFET
RU30D8H RUICHIPS-RU30D8H Datasheet
258Kb / 9P
N-Channel Advanced Power MOSFET
RU40E25L RUICHIPS-RU40E25L Datasheet
281Kb / 9P
N-Channel Advanced Power MOSFET
RU4099R RUICHIPS-RU4099R Datasheet
466Kb / 12P
N-Channel Advanced Power MOSFET
RU6050R RUICHIPS-RU6050R Datasheet
292Kb / 9P
N-Channel Advanced Power MOSFET
RU30100L RUICHIPS-RU30100L Datasheet
286Kb / 9P
N-Channel Advanced Power MOSFET
RU1H130Q RUICHIPS-RU1H130Q Datasheet
303Kb / 8P
N-Channel Advanced Power MOSFET
RU1Z120R RUICHIPS-RU1Z120R Datasheet
453Kb / 8P
N-Channel Advanced Power MOSFET
RU6H2L RUICHIPS-RU6H2L Datasheet
339Kb / 8P
N-Channel Advanced Power MOSFET
RU40120M RUICHIPS-RU40120M Datasheet
309Kb / 8P
N-Channel Advanced Power MOSFET
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com