Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4252EUA+ Datasheet (PDF) - Analog Devices

MAX4252EUA+ Datasheet PDF - Analog Devices
Part # MAX4252EUA+
Download  MAX4252EUA+ Download
File Size   1788.22 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps

MAX4252EUA+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4252EUA+ Datasheet PDF - Analog Devices

Part # MAX4252EUA+
Download  MAX4252EUA+ Click to download

File Size   1788.22 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps

MAX4252EUA+ Datasheet (HTML) - Analog Devices


MAX4252EUA+ Product details

Features
● Available in Space-Saving UCSP, SOT23, and
μMAX® Packages
● Low Distortion: 0.0002% THD (1kΩ load)
● 400μA Quiescent Supply Current per Amplifier
● Single-Supply Operation from 2.4V to 5.5V
● Input Common-Mode Voltage Range Includes
Ground
● Outputs Swing Within 8mV of Rails with a 10kΩ Load
● 3MHz GBW Product, Unity-Gain Stable
(MAX4250–MAX4254)
• 22MHz GBW Product, Stable with AV ≥ 10V/V
(MAX4249/MAX4255/MAX4256/MAX4257)
● Excellent DC Characteristics
• VOS = 70μV
• IBIAS = 1pA
• Large-Signal Voltage Gain = 116dB
● Low-Power Shutdown Mode
• Reduces Supply Current to 0.5μA
• Places Outputs in a High-Impedance State
● 400pF Capacitive-Load Handling Capability
Applications
● Wireless Communications Devices
● PA Control
● Portable/Battery-Powered Equipment
● Medical Instrumentation
● ADC Buffers
● Digital Scales/Strain Gauges




Similar Part No. - MAX4252EUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4252EUA+ MAXIM-MAX4252EUA+ Datasheet
738Kb / 16P
UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
More results


Similar Description - MAX4252EUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4249 MAXIM-MAX4249 Datasheet
238Kb / 16P
SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
19-1295; Rev 2; 4/98
MAX4475 MAXIM-MAX4475 Datasheet
585Kb / 15P
SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 1; 10/02
MAX4249 MAXIM-MAX4249_11 Datasheet
1Mb / 21P
UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 8; 10/11
MAX4475 MAXIM-MAX4475_12 Datasheet
755Kb / 21P
SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4257 MAXIM-MAX4257_12 Datasheet
738Kb / 16P
UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
MAX4478AUD MAXIM-MAX4478AUD Datasheet
755Kb / 21P
SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
logo
Linear Technology
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807 LINER-LT1807_15 Datasheet
343Kb / 28P
Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
logo
Maxim Integrated Produc...
MAX4475 MAXIM-MAX4475_V01 Datasheet
2Mb / 17P
SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
2019
MAX4249 MAXIM-MAX4249_V01 Datasheet
1Mb / 16P
UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
2021
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com