Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD121W18AT1F Datasheet (PDF) - NEC

UPD121W18AT1F Datasheet PDF - NEC
Part # UPD121W18AT1F
Download  UPD121W18AT1F Download

File Size   265.6 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MOS INTEGRATED CIRCUIT

UPD121W18AT1F Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD121W18AT1F Datasheet PDF - NEC

Part # UPD121W18AT1F
Download  UPD121W18AT1F Click to download

File Size   265.6 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MOS INTEGRATED CIRCUIT

UPD121W18AT1F Datasheet (HTML) - NEC

Back Button UPD121W18AT1F Datasheet HTML 1Page - NEC UPD121W18AT1F Datasheet HTML 2Page - NEC UPD121W18AT1F Datasheet HTML 3Page - NEC UPD121W18AT1F Datasheet HTML 4Page - NEC UPD121W18AT1F Datasheet HTML 5Page - NEC UPD121W18AT1F Datasheet HTML 6Page - NEC UPD121W18AT1F Datasheet HTML 7Page - NEC UPD121W18AT1F Datasheet HTML 8Page - NEC UPD121W18AT1F Datasheet HTML 9Page - NEC UPD121W18AT1F Datasheet HTML 10Page - NEC Next Button 

UPD121W18AT1F Product details

DESCRIPTION
The μ PD121WxxA series is general-purpose CMOS regulators which have 1.5 A output current capacity. These products are suitable for power supply of large-scale ASICs etc. By ON/OFF function, the power consumption can be kept low level at the time of off-state. This series of regulator has 3 fixed output voltage type 1.8 V, 2.5 V, 3.3 V, and adjustable output voltage type (1.8 to 3.3 V).

FEATURES
• Output Current: 1.5 A
• Output Voltage: 1.8 V, 2.5 V, 3.3 V (Fixed type) / 1.8 to 3.3 V (Adjustable type)
• Output Voltage Tolerance: VO ± 2.0% (TJ = 25°C)
• Dropout Voltage: VDIF = 1.0 V MAX. (IO = 1.5 A)
• Quiescent Current: 150 μ A TYP. (IO = 0 A)
• Standby Current: 1 μ A
• Available for laminated ceramic capacitor: (Electric capacity 10 μ F or higher)
• On-chip over-current protection circuit
• On-chip thermal shut down circuit

APPLICATIONS
    These regulators are suitable for large-scale ASICs which are used in digital appliances etc.




Similar Part No. - UPD121W18AT1F

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD121W18AT1F RENESAS-UPD121W18AT1F Datasheet
429Kb / 18P
   MOS INTEGRATED CIRCUIT
2007
More results


Similar Description - UPD121W18AT1F

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
   MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
   MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
   MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
   MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
   MOS Integrated Circuit
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
   MOS INTEGRATED CIRCUIT
logo
NEC
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
   MOS Integrated Circuit
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
   MOS Integrated Circuit
logo
Renesas Technology Corp
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
   MOS INTEGRATED CIRCUIT
UPD166108GR RENESAS-UPD166108GR Datasheet
462Kb / 16P
   MOS INTEGRATED CIRCUIT
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com