Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE7049 Datasheet (PDF) - NTE Electronics

NTE7049 Datasheet PDF - NTE Electronics
Part # NTE7049
Download  NTE7049 Download

File Size   30.18 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit CMOS-Sync Generator for TV & Video Processing Systems

NTE7049 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE7049 Datasheet PDF - NTE Electronics

Part # NTE7049
Download  NTE7049 Click to download

File Size   30.18 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit CMOS-Sync Generator for TV & Video Processing Systems

NTE7049 Datasheet (HTML) - NTE Electronics

NTE7049 Datasheet HTML 1Page - NTE Electronics NTE7049 Datasheet HTML 2Page - NTE Electronics NTE7049 Datasheet HTML 3Page - NTE Electronics

NTE7049 Product details

Description:

The NTE7049 is a CMOS LSI sync generator in a 24–Lead DIP type package that produces all the timing signals required to drive a fully 2–to–1 interlaced 525–line 30–frame/second, or 625–line 25–frame/second TV camera or video processing system. A complete sync waveform is produced which begins each field with six serrated vertical sync pulses, preceded and followed by six half–width double frequency equalizing pulses.

The sync output is gated by the master clock to preserve horizontal phase continuity during the vertical interval. The NTE7049 can be operated either in “genlock” mode, in which it is synchronized with a reference sync pulse train from another TV camera, or in “stand–alone” mode, in which it is synchronized with a local on–chip crystal oscillator (the crystal and two passive components are off chip). Also, the circuit can sense the presence or absence of a reference sync pulse train and automatically select the “genlock” or “stand–alone” mode.

A frame sync pulse is produced at the beginning of every odd field. The vertical counter can be reset to either the first equalizing pulse or the first vertical sync pulse of the vertical interval.



Features:

• Interlaced Composite Sync Output

• Automatic Genlock Capability

• Crystal Oscillator Operation

• 525 or 625 Line Operation

• Vertical Reset Option

• Wide Power Supply Operating Voltage: 4V to 15V



Applications:

• Cameras

• Monitors and Displays

• CATV

• Teletext

• Video Games

• Sync Restorer

• Video Service Instruments



 




Similar Part No. - NTE7049

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7040 NTE-NTE7040 Datasheet
28Kb / 3P
   Integrated Circuit Audio Power Amplifier, 20W
NTE7041 NTE-NTE7041 Datasheet
30Kb / 3P
   Dual, Audio Power Amplifier, 22W BTL
NTE7042 NTE-NTE7042 Datasheet
25Kb / 2P
   Integrated Circuit Bi-Directional Motor Driver
NTE7043 NTE-NTE7043 Datasheet
43Kb / 4P
   Integrated Circuit Motor Driver w/4 Modes
NTE7043P NTE-NTE7043P Datasheet
43Kb / 4P
   Integrated Circuit Motor Driver w/4 Modes
More results


Similar Description - NTE7049

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
CD22402 HARRIS-CD22402 Datasheet
76Kb / 11P
   Sync Generator for TV Applications and Video Processing Systems
logo
NTE Electronics
NTE1747 NTE-NTE1747 Datasheet
31Kb / 3P
   Integrated Circuit TV Video Processing Circuit
NTE1164 NTE-NTE1164 Datasheet
20Kb / 2P
   Integrated Circuit TV Video Signal Processing Circuit
logo
Panasonic Semiconductor
AN616 PANASONIC-AN616 Datasheet
176Kb / 4P
   Video Signal Processing Circuit for TV Cameras
logo
NTE Electronics
NTE7112 NTE-NTE7112 Datasheet
28Kb / 3P
   Integrated Circuit Color TV Video Signal/Chrominance Signal Processing Circuit
NTE7123 NTE-NTE7123 Datasheet
72Kb / 3P
   Integrated Circuit Sync Deflection Circuit for Color TV
NTE738 NTE-NTE738 Datasheet
23Kb / 2P
   Integrated Circuit Color TV Processing Circuit
logo
Toshiba Semiconductor
TA8845BN TOSHIBA-TA8845BN Datasheet
2Mb / 69P
   BUS CONTROL VIDEO, CHROMA, AND SYNC. SIGNAL PROCESSING IC FOR TV
logo
NTE Electronics
NTE1539 NTE-NTE1539 Datasheet
21Kb / 3P
   Integrated Circuit Color TV Sync Deflection Circuit
NTE1629 NTE-NTE1629 Datasheet
18Kb / 2P
   Integrated Circuit TV Sync Separator Detector
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com