Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G5J2188 Datasheet (PDF) - GTM CORPORATION

G5J2188 Datasheet PDF - GTM CORPORATION
Part # G5J2188
Download  G5J2188 Download

File Size   543.38 Kbytes
Page   7 Pages
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION
Description 1.5A CMOS Positive Voltage Regulator

G5J2188 Datasheet (PDF)

Go To PDF Page Download Datasheet
G5J2188 Datasheet PDF - GTM CORPORATION

Part # G5J2188
Download  G5J2188 Click to download

File Size   543.38 Kbytes
Page   7 Pages
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION
Description 1.5A CMOS Positive Voltage Regulator

G5J2188 Datasheet (HTML) - GTM CORPORATION

G5J2188 Datasheet HTML 1Page - GTM CORPORATION G5J2188 Datasheet HTML 2Page - GTM CORPORATION G5J2188 Datasheet HTML 3Page - GTM CORPORATION G5J2188 Datasheet HTML 4Page - GTM CORPORATION G5J2188 Datasheet HTML 5Page - GTM CORPORATION G5J2188 Datasheet HTML 6Page - GTM CORPORATION G5J2188 Datasheet HTML 7Page - GTM CORPORATION

G5J2188 Product details

Description
The G5J2188 of positive, linear regulator feature low ground current (45μA typ.) with low dropout voltage, making them ideal for battery applications.
Output voltages are set at the factory and trimmed to 1.5% accuracy.
These rugged devices have both Thermal Shutdown, and Current Fold-back to prevent device failure under the “Worst” of operating conditions.
The G5J2188 is stable with an output capacitance of 4.7μF or greater

Features
• Very Low Dropout Voltage
• Guaranteed 1.5A output
• Over-Temperature Shutdown
• Current Limiting
• Short Circuit Current Fold-back
• Highly Accurate± 1.5%
• LowʳTemperature Coefficient
• Power-Saving Shutdown Mode
• Adjustable Version

Applications
• Battery Powered Widgets
• Instrumentation
• Wireless Devices
• PC Peripherals
• Portable Electronics




Similar Part No. - G5J2188

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
G5J2188 ETL-G5J2188 Datasheet
550Kb / 7P
   1 . 5 A C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
More results


Similar Description - G5J2188

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM7805 ETC-LM7805 Datasheet
175Kb / 6P
   1.5A Positive Voltage Regulator
logo
Torex Semiconductor
XB1086 TOREX-XB1086 Datasheet
133Kb / 11P
   1.5A Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM7800 GAMMA-GM7800_09 Datasheet
176Kb / 11P
   1.5A POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
78T05AA UTC-78T05AA Datasheet
325Kb / 10P
   3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
78D05AA UTC-78D05AA Datasheet
352Kb / 8P
   3-TERMINALS 1.5A POSITIVE VOLTAGE REGULATOR
LM78XXA UTC-LM78XXA Datasheet
260Kb / 7P
   3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1086 TSC-TS1086_08 Datasheet
168Kb / 9P
   1.5A Low Dropout Positive Voltage Regulator
TS1086 TSC-TS1086 Datasheet
162Kb / 6P
   1.5A Low Dropout Positive Voltage Regulator
logo
Analog Microelectronics
AME1086 AME-AME1086 Datasheet
103Kb / 14P
   1.5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1086 TSC-TS1086_07 Datasheet
482Kb / 9P
   1.5A Low Dropout Positive Voltage Regulator
More results




About GTM CORPORATION


GTM Corporation is a Japanese company that specializes in the design, development, and production of high-quality industrial automation systems and equipment. The company was founded in 1989 and is headquartered in Tokyo, Japan.

GTM Corporation offers a wide range of automation solutions, including custom-made systems for manufacturing, assembly, testing, and inspection processes. The company's products are designed to increase production efficiency and quality while reducing costs and waste.

The company's engineering team has extensive experience in developing advanced automation technologies for a variety of industries, including automotive, electronics, and medical equipment. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

GTM Corporation's products are known for their high quality, reliability, and precision. The company uses advanced technologies and materials to develop automation solutions that are efficient, durable, and cost-effective.

Overall, GTM Corporation is a trusted provider of industrial automation solutions for a variety of industries. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com