Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGY60T120SWD Datasheet (PDF) - ON Semiconductor

FGY60T120SWD Datasheet PDF - ON Semiconductor
Part # FGY60T120SWD_V01
Download  FGY60T120SWD Download

File Size   291.33 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description IGBT - Power, Co-PAK N-Channel, Field Stop VII (FS7), Non-SCR, TO247-3L 1200 V, 1.7 V, 60 A

FGY60T120SWD Datasheet (PDF)

Go To PDF Page Download Datasheet
FGY60T120SWD Datasheet PDF - ON Semiconductor

Part # FGY60T120SWD_V01
Download  FGY60T120SWD Click to download

File Size   291.33 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description IGBT - Power, Co-PAK N-Channel, Field Stop VII (FS7), Non-SCR, TO247-3L 1200 V, 1.7 V, 60 A

FGY60T120SWD Datasheet (HTML) - ON Semiconductor

FGY60T120SWD_V01 Datasheet HTML 1Page - ON Semiconductor FGY60T120SWD_V01 Datasheet HTML 2Page - ON Semiconductor FGY60T120SWD_V01 Datasheet HTML 3Page - ON Semiconductor FGY60T120SWD_V01 Datasheet HTML 4Page - ON Semiconductor FGY60T120SWD_V01 Datasheet HTML 5Page - ON Semiconductor FGY60T120SWD_V01 Datasheet HTML 6Page - ON Semiconductor FGY60T120SWD_V01 Datasheet HTML 7Page - ON Semiconductor FGY60T120SWD_V01 Datasheet HTML 8Page - ON Semiconductor

FGY60T120SWD Product details

Description
Using the novel field stop 7th generation IGBT technology and the
Gen7 Diode in TO247 3−lead package, FGY60T120SWD offers the
optimum performance with low switching and conduction losses for
high−efficiency operations in various applications like Solar, UPS,
and ESS.
Features
• Maximum Junction Temperature TJ = 175°C
• Positive Temperature Coefficient for Easy Parallel Operation
• High Current Capability
• Smooth and Optimized Switching
• Low Switching Loss
• RoHS Compliant
Applications
• Boost and Inverter in Solar System
• UPS
• Energy Storage System




Similar Part No. - FGY60T120SWD_V01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FGY60T120SWD ONSEMI-FGY60T120SWD Datasheet
291Kb / 8P
   IGBT - Power, Co-PAK N-Channel, Field Stop VII (FS7), Non-SCR, TO247-3L 1200 V, 1.7 V, 60 A
March, 2023 - Rev. 0
More results


Similar Description - FGY60T120SWD_V01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FGY60T120SWD ONSEMI-FGY60T120SWD Datasheet
291Kb / 8P
   IGBT - Power, Co-PAK N-Channel, Field Stop VII (FS7), Non-SCR, TO247-3L 1200 V, 1.7 V, 60 A
March, 2023 - Rev. 0
FGY100T120SWD ONSEMI-FGY100T120SWD Datasheet
286Kb / 8P
   IGBT - Power, Co-PAK N-Channel, Field Stop VII (FS7), Non-SCR, TO247-3L 1200 V, 1.7 V, 100 A
March, 2023 - Rev. 0
FGHL60T120RWD ONSEMI-FGHL60T120RWD Datasheet
379Kb / 9P
   IGBT – Power, Co-PAK N-Channel, Field Stop VII (FS7), SCR, TO247-3L 1200 V, 1.5 V, 60 A
June, 2023 - Rev. 1
FGHL40T120RWD ONSEMI-FGHL40T120RWD Datasheet
449Kb / 9P
   IGBT – Power, Co-PAK N-Channel, Field Stop VII (FS7), SCR, TO247-3L 1200 V, 1.5 V, 40 A
June, 2023 - Rev. 0
AFGHL40T120RWD ONSEMI-AFGHL40T120RWD Datasheet
231Kb / 9P
   IGBT – Power, Co-PAK N-Channel, Field Stop VII (FS7), SCR, Power TO247-3L 1200 V, 1.45 V, 40 A
October, 2023 - Rev. 0
FGY75T120SWD ONSEMI-FGY75T120SWD Datasheet
287Kb / 9P
   IGBT – Power, Co-PAK N-Channel, Field Stop VII (FS7), Non SCR, Power TO247-3L, 1200V, 1.7V, 75A
November, 2022 - Rev. 1
FGY100T120RWD ONSEMI-FGY100T120RWD Datasheet
283Kb / 9P
   IGBT – Power, Co-PAK N-Channel, Field Stop VII (FS7), SCR, Power TO247-3L, 1200V, 1.4V, 100A
November, 2022 - Rev. 1
FGH4L50T65MQDC50 ONSEMI-FGH4L50T65MQDC50 Datasheet
311Kb / 9P
   IGBT - Power, Co-PAK N-Channel, Field Stop IV, MQ (Medium Speed), TO247-4L 650 V, 1.45 V, 50 A
October, 2022 - Rev. 1
FGH4L75T65MQDC50 ONSEMI-FGH4L75T65MQDC50 Datasheet
313Kb / 9P
   IGBT - Power, Co-PAK N-Channel, Field Stop IV, MQ (Medium Speed), TO247-4L 650 V, 1.45 V, 75 A
October, 2022 - Rev. 0
FGH12040WD ONSEMI-FGH12040WD Datasheet
812Kb / 10P
   IGBT - Field Stop, Trench 1200 V, 40 A
April, 2020 ??Rev. 4
logo
Fairchild Semiconductor
FGH15T120SMD FAIRCHILD-FGH15T120SMD Datasheet
257Kb / 9P
   1200 V, 15 A Field Stop Trench IGBT
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com