Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MA3864 Datasheet (PDF) - Zarlink Semiconductor Inc

MA3864 Datasheet PDF - Zarlink Semiconductor Inc
Part No. MA3864
Download  MA3864 Click to view

File Size   250.62 Kbytes
Page   11 Pages
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc
Description RADIATION HARD 8192 x 8 BIT MASK-PROGRAMMABLE ROM

MA3864 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA3864 Datasheet PDF - Zarlink Semiconductor Inc

Part No. MA3864
Download  MA3864 Click to view

File Size   250.62 Kbytes
Page   11 Pages
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc
Description RADIATION HARD 8192 x 8 BIT MASK-PROGRAMMABLE ROM

MA3864 Datasheet (HTML) - Zarlink Semiconductor Inc

Back Button MA3864 Datasheet HTML 1Page - Zarlink Semiconductor Inc MA3864 Datasheet HTML 2Page - Zarlink Semiconductor Inc MA3864 Datasheet HTML 3Page - Zarlink Semiconductor Inc MA3864 Datasheet HTML 4Page - Zarlink Semiconductor Inc MA3864 Datasheet HTML 5Page - Zarlink Semiconductor Inc MA3864 Datasheet HTML 6Page - Zarlink Semiconductor Inc MA3864 Datasheet HTML 7Page - Zarlink Semiconductor Inc MA3864 Datasheet HTML 8Page - Zarlink Semiconductor Inc MA3864 Datasheet HTML 9Page - Zarlink Semiconductor Inc MA3864 Datasheet HTML 10Page - Zarlink Semiconductor Inc Next Button 

MA3864 Product details

RADIATION HARD 8192 x 8 BIT MASK-PROGRAMMABLE ROM

The MA3864 64k Mask Programmable ROM is configured as 8192x8 bits and manufactured using CMOS-SOS high performance, radiation hard, 1.5µm technology.
The design has full static operation with no clock or timing strobe required. Address input buffers are deselected when chip select is in the HIGH state.
Programming is performed during fabrication by customising the penultimate layer of the process. Programming data may be supplied in EPROM or as a data file in the standard INTEL Hex format.

FEATURES
■ 1.5µm CMOS-SOS Technology
■ Latch-up Free
■ Fast Access Time 60ns Typical
■ Total Dose 106 Rad(Si)
■ Transient Upset >1011 Rad(Si)/sec
■ SEU 4.3 x 10-11 Errors/bitday
■ Single 5V Supply
■ Three State Output
■ Low Standby Current 100µA Typical
■ -55°C to +125°C Operation
■ All Inputs and Outputs Fully TTL or CMOS Compatible
■ Fully Static Operation
■ Programmable at Via Level for Fast Turnaround
■ 4 Mask Programmable Chip Selects



Similar Part No. - MA3864

ManufacturerPart No.DatasheetDescription
Shindengen Electric Mfg.Co.Ltd
Shindengen Electric Mfg...
MA3810 SHINDENGEN-MA3810 Datasheet
446Kb / 7P
   Power Switching Regulators
Mechatronics, Inc.
Mechatronics, Inc.
MA3828 MECHATRONICS-MA3828 Datasheet
420Kb / 1P
   UL94V-0 PBT impeller & frame
List of Unclassifed Manufacturers
List of Unclassifed Man...
MA3828E ETC2-MA3828E Datasheet
420Kb / 1P
   DC AXIAL FANS
Mechatronics, Inc.
Mechatronics, Inc.
MA3828E MECHATRONICS-MA3828E Datasheet
420Kb / 1P
   UL94V-0 PBT impeller & frame
List of Unclassifed Manufacturers
List of Unclassifed Man...
MA3828H ETC2-MA3828H Datasheet
420Kb / 1P
   DC AXIAL FANS
More results

Similar Description - MA3864

ManufacturerPart No.DatasheetDescription
NEC
NEC
UPD23C256E NEC-UPD23C256E Datasheet
100Kb / 3P
   32,368 x 8-BIT MASK-PROGRAMMABLE CMOS ROM
UPD2364E NEC-UPD2364E Datasheet
128Kb / 2P
   8,192 x 8-BIT MASK-PROGRAMMABLE NMOS ROM
King blillion Electronics Co.,Ltd.
King blillion Electroni...
SF23C4000 KB-SF23C4000 Datasheet
208Kb / 6P
   512K x 8 bit CMOS Mask Programmable ROM
UMC Corporation
UMC Corporation
UM23C1028-A UMC-UM23C1028-A Datasheet
246Kb / 6P
   16,384 X 8-BIT CMOS MASK-PROGRAMMABLE ROM
List of Unclassifed Manufacturers
List of Unclassifed Man...
UM23C1024 ETC1-UM23C1024 Datasheet
102Kb / 1P
   131,072 X 8 BIT CMOS MASK - PROGRAMMABLE ROM
NEC
NEC
UPD2364A NEC-UPD2364A Datasheet
96Kb / 2P
   8,192 x 8-BIT MASK-PROGRAMMABLE NMOS ROM
Hitachi Semiconductor
Hitachi Semiconductor
HN62334B HITACHI-HN62334B Datasheet
822Kb / 7P
   524288-word x 8-bit CMOS Mask Programmable ROM
King blillion Electronics Co.,Ltd.
King blillion Electroni...
HF88M02 KB-HF88M02 Datasheet
310Kb / 19P
   256K x 8 bit Mask ROM
HF88M08 KB-HF88M08 Datasheet
308Kb / 19P
   512K x 8 bit Mask ROM
HF88M04 KB-HF88M04 Datasheet
309Kb / 19P
   512K x 8 bit Mask ROM
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10  11 



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz