Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH8V72AWZJ-5 Datasheet (PDF) - Mitsubishi Electric Semiconductor

MH8V72AWZJ-5 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # MH8V72AWZJ-5
Download  MH8V72AWZJ-5 Download

File Size   175.46 Kbytes
Page   20 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description FAST PAGE MODE 603979776 - BIT ( 8388608 - WORD BY 72 - BIT ) DYNAMIC RAM

MH8V72AWZJ-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
MH8V72AWZJ-5 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # MH8V72AWZJ-5
Download  MH8V72AWZJ-5 Click to download

File Size   175.46 Kbytes
Page   20 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description FAST PAGE MODE 603979776 - BIT ( 8388608 - WORD BY 72 - BIT ) DYNAMIC RAM

MH8V72AWZJ-5 Datasheet (HTML) - Mitsubishi Electric Semiconductor

Back Button MH8V72AWZJ-5 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH8V72AWZJ-5 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH8V72AWZJ-5 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH8V72AWZJ-5 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH8V72AWZJ-5 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH8V72AWZJ-5 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH8V72AWZJ-5 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH8V72AWZJ-5 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH8V72AWZJ-5 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MH8V72AWZJ-5 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button 

MH8V72AWZJ-5 Product details

DESCRIPTION
The MH8V72AWZJ is 8388608-word x 72-bit dynamic ram module. This consist of nine industry standard 8M x 8 dynamic RAMs in SOJ and one industry standard EEPROM in TSSOP.
The mounting of SOJs and TSSOP on a card edge dual in-line package provides any application where high densities and large of quantities memory are required.
This is a socket-type memory module ,suitable for easy interchange or addition of module.

FEATURES
• Utilizes industry standard 8M x 8 RAMs in SOJ and industry standard EEPROM in TSSOP
• 168-pin (84-pin dual dual in-line package)
• Single +3.3V(±0.3V) supply operation
• Low stand-by power dissipation
   9.72mW(Max) . . . . . . . . . . . . . . . . . . . LVCMOS input level
• Low operation power dissipation
   MH8V72AWZJ -5 . . . . . . . . . . . . . . . . . . 3.24W(Max)
   MH8V72AWZJ -6 . . . . . . . . . . . . . . . . . . 2.92W(Max)
• All input are directly LVTTL compatible
• All output are three-state and directly LVTTL compatible
• Includes(0.22uF x 9) decoupling capacitors
• 4096 refresh cycle every 64ms
• Fast-page mode,Read-modify-write, /CAS before /RAS refresh,Hidden refresh capabilities
• Gold plating contact pads

APPLICATION
   Main memory unit for computers , Microcomputer memory




Similar Part No. - MH8V72AWZJ-5

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH8V7245BAZTJ-5 MITSUBISHI-MH8V7245BAZTJ-5 Datasheet
147Kb / 23P
   HYPER PAGE MODE 603979776 - BIT ( 8388608 - WORD BY 72 - BIT ) DYNAMIC RAM
MH8V7245BAZTJ-6 MITSUBISHI-MH8V7245BAZTJ-6 Datasheet
147Kb / 23P
   HYPER PAGE MODE 603979776 - BIT ( 8388608 - WORD BY 72 - BIT ) DYNAMIC RAM
MH8V7245BWZTJ-5 MITSUBISHI-MH8V7245BWZTJ-5 Datasheet
149Kb / 24P
   HYPER PAGE MODE 603979776 - BIT ( 8388608 - WORD BY 72 - BIT ) DYNAMIC RAM
MH8V7245BWZTJ-6 MITSUBISHI-MH8V7245BWZTJ-6 Datasheet
149Kb / 24P
   HYPER PAGE MODE 603979776 - BIT ( 8388608 - WORD BY 72 - BIT ) DYNAMIC RAM
MH8V724AWZJ-5 MITSUBISHI-MH8V724AWZJ-5 Datasheet
175Kb / 20P
   FAST PAGE MODE 603979776 - BIT ( 8388608 - WORD BY 72 - BIT ) DYNAMIC RAM
More results


Similar Description - MH8V72AWZJ-5

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH8V724AWZJ-5 MITSUBISHI-MH8V724AWZJ-5 Datasheet
175Kb / 20P
   FAST PAGE MODE 603979776 - BIT ( 8388608 - WORD BY 72 - BIT ) DYNAMIC RAM
MH8V725BAZTJ-5 MITSUBISHI-MH8V725BAZTJ-5 Datasheet
147Kb / 23P
   HYPER PAGE MODE 603979776 - BIT ( 8388608 - WORD BY 72 - BIT ) DYNAMIC RAM
MH8V7245BAZTJ-5 MITSUBISHI-MH8V7245BAZTJ-5 Datasheet
147Kb / 23P
   HYPER PAGE MODE 603979776 - BIT ( 8388608 - WORD BY 72 - BIT ) DYNAMIC RAM
MH8V7245BWZTJ-5 MITSUBISHI-MH8V7245BWZTJ-5 Datasheet
149Kb / 24P
   HYPER PAGE MODE 603979776 - BIT ( 8388608 - WORD BY 72 - BIT ) DYNAMIC RAM
MH8S72BALD-7 MITSUBISHI-MH8S72BALD-7 Datasheet
588Kb / 55P
   603979776-BIT (8388608 - WORD BY 72-BIT)SynchronousDRAM
MH8S72PHC-7 MITSUBISHI-MH8S72PHC-7 Datasheet
589Kb / 55P
   603979776-BIT (8388608 - WORD BY 72-BIT)SynchronousDRAM
MH8V644AWZJ-5 MITSUBISHI-MH8V644AWZJ-5 Datasheet
174Kb / 20P
   FAST PAGE MODE 536870912 - BIT ( 8388608 - WORD BY 64 - BIT ) DYNAMIC RAM
MH8S72BMG-7 MITSUBISHI-MH8S72BMG-7 Datasheet
589Kb / 55P
   603979776-BIT (8388608 - WORD BY 72-BIT)SynchronousDRAM
MH8V64AWZJ-5 MITSUBISHI-MH8V64AWZJ-5 Datasheet
174Kb / 20P
   FAST PAGE MODE 536870912 - BIT ( 8388608 - WORD BY 64 - BIT ) DYNAMIC RAM
MH8S72DALD-6 MITSUBISHI-MH8S72DALD-6 Datasheet
701Kb / 55P
   603979776-BIT (8388608 - WORD BY 72-BIT)Synchronous DRAM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com