Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC3306M25QDWERQ1 Datasheet (PDF) - Texas Instruments

AMC3306M25QDWERQ1 Datasheet PDF - Texas Instruments
Part # AMC3306M25QDWERQ1
Download  AMC3306M25QDWERQ1 Download
File Size   1411.34 Kbytes
Page   35 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description AMC3306M25-Q1 Automotive, Precision, ±250mV Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter

AMC3306M25QDWERQ1 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC3306M25QDWERQ1 Datasheet PDF - Texas Instruments

Part # AMC3306M25QDWERQ1
Download  AMC3306M25QDWERQ1 Click to download

File Size   1411.34 Kbytes
Page   35 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description AMC3306M25-Q1 Automotive, Precision, ±250mV Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter

AMC3306M25QDWERQ1 Datasheet (HTML) - Texas Instruments


AMC3306M25QDWERQ1 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: –40°C to +125°C, TA
• Single-supply operation (3.3V or 5V) with
integrated DC/DC converter
• Input voltage range (±250mV) optimized for current
measurement using shunt resistors
• Low DC errors:
– Offset error: ±50μV (max)
– Offset drift: ±1μV/°C (max)
– Gain error: ±0.2% (max)
– Gain drift: ±35ppm/°C (max)
• High CMTI: 75kV/μs (min)
• System-level diagnostic features
• Low EMI: Meets CISPR-11 and CISPR-25
standards
• Safety-related certifications:
– 6000VPK reinforced isolation per DIN EN IEC
60747-17 (VDE 0884-17)
– 4250VRMS isolation for 1 minute per UL1577

2 Applications
• Compact, isolated shunt-based current sensing in:
– HEV/EV onboard chargers (OBC)
– HEV/EV DC/DC converters
– HEV/EV traction inverters
– HEV/EV battery management system (BMS)

3 Description
The AMC3306M25-Q1 is a precision, isolated deltasigma
(ΔΣ) modulator, optimized for shunt-based
current measurements. The fully integrated, isolated
DC/DC converter allows single-supply operation from
the low-side of the device which makes the device
a unique solution for space-constrained applications.
The reinforced capacitive isolation barrier is certified
according to DIN EN IEC 60747-17 (VDE 0884-17)
and UL1577 and supports a working voltage up to
1.2kVRMS.
The isolation barrier separates parts of the system
that operate on different common-mode voltage levels
and protects the low-voltage side from hazardous
voltages and damage.
The input of the AMC3306M25-Q1 is optimized
for direct connection to a low-impedance shunt
resistor or other, low-impedance voltage source
with low signal levels. The excellent DC accuracy
and low temperature drift supports accurate
current measurements over the extended industrial
temperature range from –40°C to +125°C.
Use a digital filter (such as a sinc3 filter) to decimate
the bitstream. By using this digital filter, the device
achieves 16 bits of resolution with an 85dB dynamic
range at a data rate of 78kSPS.




Similar Part No. - AMC3306M25QDWERQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC3306M25 TI1-AMC3306M25 Datasheet
784Kb / 29P
AMC3306M25 High-Precision, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter and High CMTI
AMC3306M25DWE TI1-AMC3306M25DWE Datasheet
784Kb / 29P
AMC3306M25 High-Precision, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter and High CMTI
AMC3306M25DWER TI1-AMC3306M25DWER Datasheet
784Kb / 29P
AMC3306M25 High-Precision, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter and High CMTI
More results


Similar Description - AMC3306M25QDWERQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC3330-Q1 TI1-AMC3330-Q1 Datasheet
641Kb / 26P
AMC3330-Q1 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3306M25 TI1-AMC3306M25 Datasheet
784Kb / 29P
AMC3306M25 High-Precision, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter and High CMTI
AMC3330-Q1 TI-AMC3330-Q1_V01 Datasheet
641Kb / 26P
AMC3330-Q1 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3306M05 TI-AMC3306M05 Datasheet
2Mb / 39P
AMC3306M05 High-Precision, 짹50-mV Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
AMC3336-Q1 TI-AMC3336-Q1 Datasheet
2Mb / 40P
AMC3336-Q1 High-Precision, 짹1-V Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
AMC3336 TI-AMC3336 Datasheet
2Mb / 41P
AMC3336 High-Precision, 짹1-V Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
AMC3302-Q1 TI-AMC3302-Q1 Datasheet
2Mb / 37P
AMC3302-Q1 Automotive High-Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC1306M05-Q1 TI-AMC1306M05-Q1 Datasheet
2Mb / 36P
AMC1306M05-Q1 Automotive, High-Precision, 짹50-mV Input, Reinforced Isolated Delta-Sigma Modulator
FEBRUARY 2022
AMC1306M25-Q1 TI-AMC1306M25-Q1 Datasheet
2Mb / 36P
AMC1306M25-Q1 Automotive, High-Precision, 짹250-mV Input, Reinforced Isolated Delta-Sigma Modulator
FEBRUARY 2022
AMC3311-Q1 TI-AMC3311-Q1 Datasheet
1Mb / 27P
AMC3311-Q1 Automotive, Precision, ±1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
JUNE 2023
AMC3311-Q1 TI-AMC3311-Q1_V01 Datasheet
1Mb / 36P
AMC3311-Q1 Automotive, Precision, 2-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
REVISED AUGUST 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com