Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICP-10111 Datasheet (PDF) - TDK Electronics

ICP-10111 Datasheet PDF - TDK Electronics
Part # ICP-10111
Download  ICP-10111 Download
File Size   995.08 Kbytes
Page   31 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description High Accuracy, Low Power, Barometric Pressure and Temperature Sensor IC

ICP-10111 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICP-10111 Datasheet PDF - TDK Electronics

Part # ICP-10111
Download  ICP-10111 Click to download

File Size   995.08 Kbytes
Page   31 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description High Accuracy, Low Power, Barometric Pressure and Temperature Sensor IC

ICP-10111 Datasheet (HTML) - TDK Electronics


ICP-10111 Product details

GENERAL INFORMATION
The ICP-10111 pressure sensor family is based on MEMS
capacitive technology which provides ultra-low noise at the
lowest power, enabling industry leading relative accuracy,
sensor throughput, and temperature stability. The pressure
sensor can measure pressure differences with an accuracy of
±1 Pa, enabling altitude measurement differentials as small as
8.5 cm, less than the height of a single stair step.
Consuming only 1.3 µA @1 Hz, available in footprint of 2 mm
x 2.5 mm x 0.92 mm, the ICP-10111 is ideally suited for
mobile phones, wearable fitness monitoring, drones, and
battery powered IoT.
The ICP-10111 offers an industry leading temperature
coefficient offset of ±0.5 Pa/C. The combination of high
accuracy, low power, temperature stability, waterproofing in
a small footprint enables higher performance barometric
pressure sensing for sports activity identification, mobile
indoor/outdoor navigation, and altitude-hold in drones.

APPLICATIONS
• Altitude Control of Drones and Flying Toys
• Mobile Phones
• Virtual Reality and Gaming Equipment
• Indoor/Outdoor Navigation (dead-reckoning,
floor/elevator/step detection)
• Vertical velocity monitoring
• Leisure, Sports, and Fitness Activity Identification
• Weather Forecasting

FEATURES
• Pressure operating range: 30 to 110 kPa
• Noise and current consumption
o 0.4 Pa @ 10.4 µA (ULN mode)
o 0.8 Pa @ 5.2 µA (LN mode)
o 3.2 Pa @ 1.3 µA (LP mode)
• Pressure Sensor Relative Accuracy: ±1 Pa for any
10 hPa change over 950 hPa-1050 hPa at 25C
• Pressure Sensor Absolute Accuracy: ±1 hPa over
950 hPa-1050 hPa, 0C to 65C
• Pressure Sensor Temperature Coefficient Offset:
±0.5 Pa/C over 25C to 45C at 100 kPa
• Temperature Sensor Absolute Accuracy: ±0.4C
• Temperature operating range: -40 °C to 85 °C
• Host Interface: I2C at up to 400 kHz
• Single Supply voltage: 1.8V ±5%
• RoHS and Green compliant




Similar Part No. - ICP-10111

ManufacturerPart #DatasheetDescription
logo
Rohm
ICP-F10 ROHM-ICP-F10 Datasheet
95Kb / 1P
ICP
ICP-F10WH ROHM-ICP-F10WH Datasheet
95Kb / 1P
ICP
ICP-F15 ROHM-ICP-F15 Datasheet
95Kb / 1P
ICP
ICP-F20 ROHM-ICP-F20 Datasheet
95Kb / 1P
ICP
ICP-F25 ROHM-ICP-F25 Datasheet
95Kb / 1P
ICP
More results


Similar Description - ICP-10111

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXH6250A MOTOROLA-MPXH6250A Datasheet
293Kb / 8P
HIGH TEMPERATURE ACCURACY INTEGRATED SILICON PRESSURE SENSOR
logo
Freescale Semiconductor...
MPXA6400A FREESCALE-MPXA6400A Datasheet
189Kb / 11P
High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXV6115V FREESCALE-MPXV6115V Datasheet
97Kb / 8P
High Temperature Accuracy Integrated Silicon Pressure Sensor
logo
HOKURIKU ELECTRIC INDUS...
HPD-100A-C05 HOKURIKU-HPD-100A-C05 Datasheet
199Kb / 1P
Barometric Pressure Sensor
HPM-013 HOKURIKU-HPM-013 Datasheet
113Kb / 1P
Barometric Pressure Sensor Module
logo
List of Unclassifed Man...
STSC1 ETC2-STSC1 Datasheet
706Kb / 13P
High Accuracy Digital Temperature Sensor IC
logo
TE Connectivity Ltd
MS5637-02BA03 TEC-MS5637-02BA03 Datasheet
476Kb / 18P
Low Voltage Barometric Pressure Sensor
logo
Omron Electronics LLC
2SMPB-02B OMRON-2SMPB-02B Datasheet
355Kb / 22P
Measure barometric pressure and temperature with high accuracy
logo
Bosch Sensortec GmbH
BMP380 BOSCH-BMP380 Datasheet
221Kb / 2P
Digital, barometric pressure sensor
logo
Omron Electronics LLC
2SMPB-02E OMRON-2SMPB-02E Datasheet
1Mb / 24P
Digital Barometric Pressure Sensor
Copyright 2017
logo
Sciosense B.V.
ENS220 SCIOSENSE-ENS220 Datasheet
341Kb / 2P
Premium accuracy barometric pressure and temperature sensor for activity tracking and indoor navigation/localization
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com