Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS01MR08A8MA2LBC Datasheet (PDF) - Infineon Technologies AG

FS01MR08A8MA2LBC Datasheet PDF - Infineon Technologies AG
Part # FS01MR08A8MA2LBC
Download  FS01MR08A8MA2LBC Download

File Size   1638.83 Kbytes
Page   20 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description HybridPACK™ Drive G2 module with SiC MOSFET

FS01MR08A8MA2LBC Datasheet (PDF)

Go To PDF Page Download Datasheet
FS01MR08A8MA2LBC Datasheet PDF - Infineon Technologies AG

Part # FS01MR08A8MA2LBC
Download  FS01MR08A8MA2LBC Click to download

File Size   1638.83 Kbytes
Page   20 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description HybridPACK™ Drive G2 module with SiC MOSFET

FS01MR08A8MA2LBC Datasheet (HTML) - Infineon Technologies AG


FS01MR08A8MA2LBC Product details

Features
• Electrical features
- VDSS = 750 V
- IDN = 620 A
- New semiconductor material - silicon carbide
- Low RDS,on
- Low switching losses
- Low Qg and Crss
- Low inductive design
- Tvj,op = 175°C
- Short-time extended operation temperature Tvj,op = 200 °C
• Mechanical features
- 4.2 kV DC 1 second insulation
- High creepage and clearance distances
- Compact design
- High power density
- Direct-cooled PinFin base plate
- High-performance Si3N4 ceramic
- Guiding elements for PCB and cooler assembly
- Integrated temperature sensing diode
- PressFIT contact technology
- RoHS compliant, lead-free
- UL 94 V0 module frame




Similar Part No. - FS01MR08A8MA2LBC

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
FS01 HONEYWELL-FS01 Datasheet
132Kb / 4P
   Pressure Sensors FS01/FS03 Force Sensors
FS01 HONEYWELL-FS01 Datasheet
132Kb / 4P
   Pressure Sensors FS01/FS03 Force Sensors
logo
List of Unclassifed Man...
FS0101BA ETC2-FS0101BA Datasheet
142Kb / 4P
   SENSITIVE GATE SCR
FS0101BB ETC2-FS0101BB Datasheet
142Kb / 4P
   SENSITIVE GATE SCR
FS0101DA ETC2-FS0101DA Datasheet
142Kb / 4P
   SENSITIVE GATE SCR
More results


Similar Description - FS01MR08A8MA2LBC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FS660R08A6P2FB INFINEON-FS660R08A6P2FB Datasheet
6Mb / 15P
   HybridPACK™ Drive Module
V3.0, 2019-05-20
FS770R08A6P2B INFINEON-FS770R08A6P2B Datasheet
1Mb / 16P
   HybridPACK™ Drive Module
V3.0, 2019-05-28
FS950R08A6P2B INFINEON-FS950R08A6P2B Datasheet
1Mb / 16P
   HybridPACK™ Drive Module
V3.0, 2019-09-10
FS380R12A6T4LB INFINEON-FS380R12A6T4LB Datasheet
2Mb / 15P
   HybridPACK™ Drive Module
V3.0, 2020-03-23
FS950R08A6P2LB INFINEON-FS950R08A6P2LB Datasheet
2Mb / 16P
   HybridPACK™ Drive Module
V3.0, 2020-03-23
FS820R08A6P2LB INFINEON-FS820R08A6P2LB Datasheet
7Mb / 16P
   HybridPACK™ Drive Module
V3.4, 2019-10-09
FS660R08A6P2FLB INFINEON-FS660R08A6P2FLB Datasheet
6Mb / 15P
   HybridPACK™ Drive Module
V3.0, 2019-05-20
FS05MR12A6MA1B INFINEON-FS05MR12A6MA1B Datasheet
1Mb / 15P
   HybridPACK™ Drive module with CoolSiC™ Automotive MOSFET
Revision 1.10 2022-07-19
FS380R12A6T4B INFINEON-FS380R12A6T4B Datasheet
1Mb / 15P
   HybridPACK™ Drive Module
V3.1, 2019-09-10
FS770R08A6P2LB INFINEON-FS770R08A6P2LB Datasheet
1,002Kb / 16P
   HybridPACK™ Drive Module
V3.0, 2019-05-28
FS820R08A6P2 INFINEON-FS820R08A6P2 Datasheet
2Mb / 16P
   HybridPACK™ Drive Module
V3.3, 2019-10-09
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com