Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPE0504 Datasheet (PDF) - SYNC POWER Crop.

SPE0504 Datasheet PDF - SYNC POWER Crop.
Part # SPE0504
Download  SPE0504 Download
File Size   221.4 Kbytes
Page   7 Pages
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.
Description 4-Line ESD Protection Array

SPE0504 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPE0504 Datasheet PDF - SYNC POWER Crop.

Part # SPE0504
Download  SPE0504 Click to download

File Size   221.4 Kbytes
Page   7 Pages
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.
Description 4-Line ESD Protection Array

SPE0504 Datasheet (HTML) - SYNC POWER Crop.


SPE0504 Product details

DESCRIPTION
The SPE0504 are designed by TVS array that is to protect sensitive electronics from damage or latch-up due to ESD. They are designed for use in applications where board space is at a premium. SPE0504 will protect up to four line, and may be used on lines where the signal polarities swing above and below ground.
SPE0504 offer desirable characteristics for board level protection including fast response time, low operating and clamping voltage, and no device degradation.
SPE0504 may be used to meet the immunity requirements of IEC 61000-4-2, level 4. The small SOT-23-6L package makes them ideal for use in portable electronics such as cell phones, PDA’s, notebook computers, and digital cameras.

FEATURES
◆ Transient protection for data lines to
    IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
    IEC 61000-4-4 (EFT) 40A (5/50ns)
◆ Protects four I/O lines
◆ Working voltage: 5V
◆ Low leakage current
◆ Low operating and clamping voltages

APPLICATIONS
◆ Cellular Handsets and Accessories
◆ Cordless Phone
◆ PDA
◆ Notebooks and Handhelds
◆ Portable Instrumentation
◆ Digital Cameras
◆ MP3 Player




Similar Part No. - SPE0504

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPE0504S26RG SYNC-POWER-SPE0504S26RG Datasheet
190Kb / 7P
4-Line ESD Protection Array
SPE0504 SYNC-POWER-SPE0504_10 Datasheet
190Kb / 7P
4-Line ESD Protection Array
More results


Similar Description - SPE0504

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPE0534 SYNC-POWER-SPE0534_09 Datasheet
197Kb / 7P
4-Line ESD Protection Array
logo
Yea Shin Technology Co....
YSDAXX04T6 YEASHIN-YSDAXX04T6 Datasheet
223Kb / 3P
4 Line ESD Protection Array
logo
SYNC POWER Crop.
SPE0514 SYNC-POWER-SPE0514 Datasheet
222Kb / 7P
4-Line ESD Protection Array
SPE0504 SYNC-POWER-SPE0504_10 Datasheet
190Kb / 7P
4-Line ESD Protection Array
SPE0514 SYNC-POWER-SPE0514_10 Datasheet
193Kb / 7P
4-Line ESD Protection Array
SPE0534 SYNC-POWER-SPE0534 Datasheet
224Kb / 7P
4-Line ESD Protection Array
logo
TECH PUBLIC Electronics...
RCLAMP3354S TECHPUBLIC-RCLAMP3354S Datasheet
1Mb / 4P
4-Line ESD Protection Diode Array
TPNUP4060AXV6T1G TECHPUBLIC-TPNUP4060AXV6T1G Datasheet
1Mb / 4P
4-Line ESD Protection Diode Array
ESDS304DBVR-TP TECHPUBLIC-ESDS304DBVR-TP Datasheet
2Mb / 4P
4-Line ESD Protection Diode Array
RCLAMP3304N TECHPUBLIC-RCLAMP3304N Datasheet
2Mb / 5P
4- Line 3.3V ESD Protection Diode Array
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com