| Manufacturer | Part # | Datasheet | Description |
 Infineon Technologies A... |
IPA60R800CE
|
1Mb / 17P |
600V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25 |
|
IGLD60R070D1
|
513Kb / 17P |
600V CoolGaN??enhancement-mode Power Transistor
Rev. 2.1 2020-01-16 |
|
IGLD60R190D1
|
500Kb / 17P |
600V CoolGaN??enhancement-mode Power Transistor
Rev. 2.1 2020-01-16 |
|
IGO60R070D1
|
532Kb / 17P |
600V CoolGaN??enhancement-mode Power Transistor
Rev. 2.11 2020-01-16 |
|
IGOT60R070D1
|
536Kb / 17P |
600V CoolGaN??enhancement-mode Power Transistor
Rev. 2.12 2020-01-16 |
|
IGT40R070D1E8220
|
529Kb / 16P |
400V CoolGaN??enhancement-mode Power Transistor
Rev. 2.1 2020-05-29 |
|
IGT60R070D1
|
548Kb / 17P |
600V CoolGaN??enhancement-mode Power Transistor
Rev. 2.12 2020-05-29 |
|
IGT60R190D1S
|
570Kb / 17P |
600V CoolGaN??enhancement-mode Power Transistor
Rev. 3.12 2020-05-29 |
|
IGLR60R190D1
|
498Kb / 16P |
600V CoolGaN™ enhancement-mode Power Transistor
Rev. 2.0 2022-08-05 |
|
IGT40R070D1
|
533Kb / 16P |
400V CoolGaN™ enhancement-mode Power Transistor
Rev. 2.1 2021-10-26 |
|
IGO60R042D1
|
573Kb / 16P |
600V CoolGaN™ enhancement-mode Power Transistor
Rev. 2.1 2023-06-08 |