Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK93C45A Datasheet (PDF) - Asahi Kasei Microsystems

AK93C45A Datasheet PDF - Asahi Kasei Microsystems
Part # AK93C45A
Download  AK93C45A Download

File Size   129.98 Kbytes
Page   14 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 1K / 2K / 4K / 8Kbit Serial CMOS EEPROM

AK93C45A Datasheet (PDF)

Go To PDF Page Download Datasheet
AK93C45A Datasheet PDF - Asahi Kasei Microsystems

Part # AK93C45A
Download  AK93C45A Click to download

File Size   129.98 Kbytes
Page   14 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 1K / 2K / 4K / 8Kbit Serial CMOS EEPROM

AK93C45A Datasheet (HTML) - Asahi Kasei Microsystems

Back Button AK93C45A Datasheet HTML 1Page - Asahi Kasei Microsystems AK93C45A Datasheet HTML 2Page - Asahi Kasei Microsystems AK93C45A Datasheet HTML 3Page - Asahi Kasei Microsystems AK93C45A Datasheet HTML 4Page - Asahi Kasei Microsystems AK93C45A Datasheet HTML 5Page - Asahi Kasei Microsystems AK93C45A Datasheet HTML 6Page - Asahi Kasei Microsystems AK93C45A Datasheet HTML 7Page - Asahi Kasei Microsystems AK93C45A Datasheet HTML 8Page - Asahi Kasei Microsystems AK93C45A Datasheet HTML 9Page - Asahi Kasei Microsystems AK93C45A Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button 

AK93C45A Product details

General Description
The AK93C45A/55A/65A/75A is a 1024/2048/4096/8192-bit serial CMOS EEPROM divided into 64/128/256/512 registers of 16 bits each.

Features
□ ADVANCED CMOS EEPROM TECHNOLOGY
□ READ/WRITE NON-VOLATILE MEMORY
□ WIDE VCC OPERATION x Vcc = 1.8V  5.5V
□ AK93C45A x x x 1024 bits, 64 x 16 organization
    AK93C55A x x x 2048 bits, 128 x 16 organization
    AK93C65A x x x 4096 bits, 256 x 16 organization
    AK93C75A x x x 8192 bits, 512 x 16 organization
□ SERIAL INTERFACE
    - Interfaces with popular microcontrollers and standard microprocessors
□ LOW POWER CONSUMPTION
    - 0.5mA max. Read Operation
    - 0.8xA Max. Standby
□ HIGH RELIABILITY
    -Endurance : 100K cycles
    -Data Retention : 10 years
□ Automatic address increment (READ)
□ Automatic write cycle time-out with auto-ERASE
□ Busy/Ready status signal
□ Software controlled write protection
□ IDEAL FOR LOW DENSITY DATA STORAGE
    - Low cost, space saving, 8-pin package




Similar Part No. - AK93C45A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C45B AKM-AK93C45B Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
AK93C45B AKM-AK93C45B Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45BH AKM-AK93C45BH Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
AK93C45BH AKM-AK93C45BH Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45BL AKM-AK93C45BL Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
More results


Similar Description - AK93C45A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C45B AKM-AK93C45B_03 Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
AK6420A-1 AKM-AK6420A-1 Datasheet
161Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420A AKM-AK6420A Datasheet
140Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420AM AKM-AK6420AM Datasheet
164Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Microchip Technology
85C72 MICROCHIP-85C72 Datasheet
107Kb / 8P
   1K/2K/4K 5.0V CMOS Serial EEPROM
1995
logo
Catalyst Semiconductor
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com