Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5A-T3 Datasheet (PDF) - Won-Top Electronics

S5A-T3 Datasheet PDF - Won-Top Electronics
Part # S5A-T3
Download  S5A-T3 Download

File Size   51.67 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE

S5A-T3 Datasheet (PDF)

Go To PDF Page Download Datasheet
S5A-T3 Datasheet PDF - Won-Top Electronics

Part # S5A-T3
Download  S5A-T3 Click to download

File Size   51.67 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE

S5A-T3 Datasheet (HTML) - Won-Top Electronics

S5A-T3 Datasheet HTML 1Page - Won-Top Electronics S5A-T3 Datasheet HTML 2Page - Won-Top Electronics S5A-T3 Datasheet HTML 3Page - Won-Top Electronics S5A-T3 Datasheet HTML 4Page - Won-Top Electronics

S5A-T3 Product details

Features
● Glass Passivated Die Construction
● Ideally Suited for Automatic Assembly
● Low Forward Voltage Drop
● Surge Overload Rating to 100A Peak
● Low Power Loss
● Built-in Strain Relief
● Plastic Case Material has UL Flammability Classification Rating 94V-O




Similar Part No. - S5A-T3

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S5A-AU PANJIT-S5A-AU Datasheet
368Kb / 5P
   SURFACE MOUNT RECTIFIER
May 7,2018REV.
logo
Vishay Siliconix
S5A-M3 VISHAY-S5A-M3 Datasheet
91Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 31-Jul-2018
logo
DONGGUAN YOU FENG WEI E...
S5A-SMC YFWDIODE-S5A-SMC Datasheet
522Kb / 3P
   SURFACE MOUNT GENERAL RECTIFIER
More results


Similar Description - S5A-T3

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
GF5A ZSELEC-GF5A Datasheet
56Kb / 2P
   5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
GS5A ZSELEC-GS5A Datasheet
89Kb / 2P
   5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
S5ABF ZSELEC-S5ABF Datasheet
96Kb / 2P
   5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
S5A ZSELEC-S5A Datasheet
91Kb / 2P
   5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Diodes Incorporated
S5DC-13 DIODES-S5DC-13 Datasheet
111Kb / 4P
   5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S5GC-13-F DIODES-S5GC-13-F Datasheet
101Kb / 4P
   5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S5GC-13 DIODES-S5GC-13 Datasheet
101Kb / 4P
   5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S5AC DIODES-S5AC_15 Datasheet
101Kb / 4P
   5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S5AC DIODES-S5AC_10 Datasheet
101Kb / 4P
   5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16007 Rev. 9 - 2
S5AC DIODES-S5AC_1 Datasheet
82Kb / 3P
   5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16007 Rev. 7 - 2
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com