Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABM11-0022-T3 Datasheet (PDF) - Abracon Corporation

ABM11-0022-T3 Datasheet PDF - Abracon Corporation
Part # ABM11-0022-T3
Download  ABM11-0022-T3 Download
File Size   448.18 Kbytes
Page   4 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description CERAMIC BASE SMD QUARTZ CRYSTAL

ABM11-0022-T3 Datasheet (PDF)

Go To PDF Page Download Datasheet
ABM11-0022-T3 Datasheet PDF - Abracon Corporation

Part # ABM11-0022-T3
Download  ABM11-0022-T3 Click to download

File Size   448.18 Kbytes
Page   4 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description CERAMIC BASE SMD QUARTZ CRYSTAL

ABM11-0022-T3 Datasheet (HTML) - Abracon Corporation


ABM11-0022-T3 Product details

Features
• Reference design for Silabs EFR32 Wireless Gecko Series 2
• Operating Temp Range: -40 ~ +95°C
• Frequency Tolerance @ +25°C: ±8ppm
• Frequency Stability over the Operating Temp. Range
(ref. to +25°C): ±13ppm

Applications
• Internet of Things (IoT)
• Medical Devices
• Industrial Control & Automation
• Wireless collar
• Glucose Monitor
• LED Lighting




Similar Part No. - ABM11-0022-T3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM11-140-26.000MHZ ABRACON-ABM11-140-26.000MHZ Datasheet
540Kb / 3P
IoT OPTIMIZED LOW PROFILE QUARTZ CRYSTAL
06/21/2016
ABM11-141-26.000MHZ ABRACON-ABM11-141-26.000MHZ Datasheet
573Kb / 3P
IoT OPTIMIZED LOW PROFILE QUARTZ CRYSTAL
06/21/2016
ABM11-142-27.120MHZ ABRACON-ABM11-142-27.120MHZ Datasheet
573Kb / 3P
IoT OPTIMIZED LOW PROFILE QUARTZ CRYSTAL
06/21/2016
ABM11-143-27.120MHZ ABRACON-ABM11-143-27.120MHZ Datasheet
571Kb / 3P
IoT OPTIMIZED LOW PROFILE QUARTZ CRYSTAL
06/21/2016
ABM11-16.000MHZ-R40-B ABRACON-ABM11-16.000MHZ-R40-B Datasheet
1Mb / 2P
CERAMICS SMD ULTRA MINIATURE QUARTZ CRYSTAL
06.19.15
More results


Similar Description - ABM11-0022-T3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM10 ABRACON-ABM10 Datasheet
666Kb / 2P
CERAMIC SMD ULTRA MINIATURE QUARTZ CRYSTAL
05.01.07
ABM11 ABRACON-ABM11 Datasheet
263Kb / 1P
CERAMIC SMD ULTRA MINIATURE QUARTZ CRYSTAL
logo
Crystek Corporation
CSX4 CRYSTEKCRYSTAL-CSX4 Datasheet
136Kb / 1P
Quartz Crystal 11.6X5.5 mm Ceramic SMD Crystal
logo
Abracon Corporation
ABM11 ABRACON-ABM11_08 Datasheet
164Kb / 2P
CERAMIC SMD ULTRA MINIATURE QUARTZ CRYSTAL
Revised A: 03.11.08
logo
Oscilent Corporation
290-12.0M-SR-05GP OSCILENT-290-12.0M-SR-05GP Datasheet
147Kb / 3P
SMD Quartz Crystal
264-12.0M-20-S-TR OSCILENT-264-12.0M-20-S-TR Datasheet
133Kb / 2P
SMD Quartz Crystal
268-12.0M-20-S-TR OSCILENT-268-12.0M-20-S-TR Datasheet
133Kb / 2P
SMD Quartz Crystal
logo
Jauch Quartz Gmbh
JXG32P4 JAUCH-JXG32P4 Datasheet
122Kb / 2P
SMD Quartz Crystal
JXS32 JAUCH-JXS32 Datasheet
147Kb / 2P
SMD Quartz Crystal
MG3A JAUCH-MG3A Datasheet
73Kb / 2P
SMD Quartz Crystal
logo
Abracon Corporation
ABM3C ABRACON-ABM3C_11 Datasheet
1Mb / 2P
CERAMIC SMD ULTRA MINIATURE QUARTZ CRYSTAL
02.26.11
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com