Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS28E07+ Datasheet (PDF) - Analog Devices

DS28E07+ Datasheet PDF - Analog Devices
Part # DS28E07+
Download  DS28E07+ Download
File Size   1015.41 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1024-Bit, 1-Wire EEPROM

DS28E07+ Datasheet (PDF)

Go To PDF Page Download Datasheet
DS28E07+ Datasheet PDF - Analog Devices

Part # DS28E07+
Download  DS28E07+ Click to download

File Size   1015.41 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1024-Bit, 1-Wire EEPROM

DS28E07+ Datasheet (HTML) - Analog Devices


DS28E07+ Product details

General Description
The DS28E07 is a 1024-bit, 1-Wire® EEPROM chip organized
as four memory pages of 256 bits each. Data is
written to an 8-byte scratchpad, verified, and then copied
to the EEPROM memory. As a special feature, the four
user memory pages can individually be write protected
or put in EPROM-emulation mode, where bits can only
be changed from a 1 to a 0 state. Each device has its
own guaranteed unique 64-bit ROM identification number
(ROM ID) that is factory programmed into the chip. The
communication follows the 1-Wire protocol with the ROM
ID acting as node address in the case of a multiple-device
1-Wire network.

Benefits and Features
● Partitioning of Memory Provides Greater Flexibility in
Programming User Data
• 1024 Bits of EEPROM Memory Organized as Four
Pages of 256 Bits
• Individual Memory Pages Can Be Permanently
Write Protected or Put in EPROM-Emulation Mode
(Write to 0)
● Advanced 1-Wire Protocol Minimizes Interface to
Just Single IO Reducing Required Pin Count and
Enhancing Reliability
• Unique Factory-Programmed, Unalterable 64-Bit
Identification Number
• Switchpoint Hysteresis and Filtering to Optimize
Performance in the Presence of Noise
• Communicates to Host with a Single Digital Signal
at 15.4kbps or 125kbps Using 1-Wire Protocol
• Reads and Writes over a Wide Voltage Range from
3.0V to 5.25V from -40°C to +85°C
• ±8kV HBM ESD Protection (typ) for IO Pin

Applications
● Accessory/PCB Identification
● Medical Sensor Calibration Data Storage
● Analog Sensor Calibration Including IEEE P1451.4
Smart Sensors
● Ink and Toner Print Cartridge Identification
● After-Market Management of Consumables




Similar Part No. - DS28E07+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28E07 MAXIM-DS28E07 Datasheet
1Mb / 9P
Compatible with Other 1-Wire Devices Purchased Separately
Rev 1; 4/16
DS28E07P+ MAXIM-DS28E07P+ Datasheet
1Mb / 9P
Compatible with Other 1-Wire Devices Purchased Separately
Rev 1; 4/16
More results


Similar Description - DS28E07+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2431 DALLAS-DS2431 Datasheet
170Kb / 23P
1024-Bit 1-Wire EEPROM
logo
Maxim Integrated Produc...
DS2431 MAXIM-DS2431 Datasheet
291Kb / 24P
1024-Bit 1-Wire EEPROM
Rev 8; 10/09
DS2431-A1 MAXIM-DS2431-A1 Datasheet
220Kb / 21P
1024-Bit, 1-Wire EEPROM for Automotive Applications
Rev 0; 11/07
DS2431 MAXIM-DS2431_08 Datasheet
283Kb / 25P
1024-Bit, 1-Wire EEPROM
Rev 6; 8/08
DS2431 MAXIM-DS2431_09 Datasheet
274Kb / 26P
1024-Bit, 1-Wire EEPROM
Rev 7; 6/09
DS1972 MAXIM-DS1972_10 Datasheet
281Kb / 23P
1024-Bit EEPROM iButton
Rev 3; 4/10
DS2431 MAXIM-DS2431_12 Datasheet
663Kb / 27P
1024-Bit, 1-Wire EEPROM
Rev 12; 2/12
DS2431_1203 MAXIM-DS2431_1203 Datasheet
334Kb / 27P
1024-Bit, 1-Wire EEPROM
Rev 13; 3/12
DS2431QU MAXIM-DS2431QU Datasheet
474Kb / 27P
1024-Bit, 1-Wire EEPROM
Rev 13; 3/12
DS2431 MAXIM-DS2431_V01 Datasheet
909Kb / 27P
1024-Bit, 1-Wire EEPROM
2021
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com