Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2401Z+ Datasheet (PDF) - Analog Devices

DS2401Z+ Datasheet PDF - Analog Devices
Part # DS2401Z+
Download  DS2401Z+ Download
File Size   405.08 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Silicon Serial Number

DS2401Z+ Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2401Z+ Datasheet PDF - Analog Devices

Part # DS2401Z+
Download  DS2401Z+ Click to download

File Size   405.08 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Silicon Serial Number

DS2401Z+ Datasheet (HTML) - Analog Devices


DS2401Z+ Product details

Benefits and Features
•Guaranteed Unique 64-Bit ROM ID Chip forAbsolute Traceability
oUnique, 64-Bit Registration Number (8-BitFamily Code + 48-Bit Serial Number +8-Bit CRC Tester)
o8-Bit Family Code Specifies DS2401Communications Requirements to Reader
•Minimalist 1-Wire® Interface Lowers Cost andInterface Complexity
oMultiple DS2401 Devices Can Reside ona Common 1-Wire Net
oBuilt-In Multidrop Controller EnsuresCompatibility with Other 1-Wire NetProducts
oReduces Control, Address, Data, andPower to a Single Pin and Communicatesat up to 16.3kbps
oPresence Pulse Acknowledges When theReader First Applies Voltage
oLow-Cost TO-92, SOT-223, and TSOCSurface-Mount Packages
oTO-92 Tape-and-Reel Version with LeadsBent to 100-mil Spacing (Default) or with Straight Leads (DS2401-SL)
Wide Voltage and Temperature OperatingRanges Enables Robust System Performance
oExtended 2.8V to 6.0V Range (DS2401)
oZero Standby Power Required
o-40°C to +85°C Industrial TemperatureRange

Applications
•PCB Identification
•Network Node ID
•Equipment Registration




Similar Part No. - DS2401Z+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2401Z DALLAS-DS2401Z Datasheet
151Kb / 10P
Silicon Serial Number
logo
Maxim Integrated Produc...
DS2401Z MAXIM-DS2401Z Datasheet
337Kb / 11P
Silicon Serial Number Unique, Factory-Lasered and Tested 64-Bit
Rev 5/11
DS2401ZT MAXIM-DS2401ZT Datasheet
337Kb / 11P
Silicon Serial Number Unique, Factory-Lasered and Tested 64-Bit
Rev 5/11
More results


Similar Description - DS2401Z+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1990A DALLAS-DS1990A Datasheet
151Kb / 10P
Serial Number iButton
DS2401 DALLAS-DS2401 Datasheet
151Kb / 10P
Silicon Serial Number
DS2411 DALLAS-DS2411 Datasheet
231Kb / 11P
Silicon Serial Number with VCC Input
logo
Maxim Integrated Produc...
DS28CM00 MAXIM-DS28CM00 Datasheet
92Kb / 9P
I짼C/SMBus Silicon Serial Number
REV: 072406
DS1990A MAXIM-DS1990A Datasheet
149Kb / 10P
Serial Number iButton
Rev: 10/08
DS2401 MAXIM-DS2401_11 Datasheet
337Kb / 11P
Silicon Serial Number Unique, Factory-Lasered and Tested 64-Bit
Rev 5/11
DS1990R MAXIM-DS1990R Datasheet
160Kb / 10P
Serial Number iButton
Rev 4; 8/10
DS2411 MAXIM-DS2411 Datasheet
527Kb / 12P
Silicon Serial Number with Vcc Input
Rev 11/11
DS1990R-F5 MAXIM-DS1990R-F5 Datasheet
162Kb / 11P
Serial Number iButton
Rev 4; 8/10
logo
ATMEL Corporation
AT24CS16 ATMEL-AT24CS16_14 Datasheet
868Kb / 22P
Factory Programmed 128-bit Serial Number
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com