Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD96240MUF-CE2 Datasheet (PDF) - Rohm

BD96240MUF-CE2 Datasheet PDF - Rohm
Part # BD96240MUF-CE2
Download  BD96240MUF-CE2 Download
File Size   3152.02 Kbytes
Page   64 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 8 Phase to 1 Phase Selectable Buck Controller with Maximum 160 A Output Current, 3.0 V to 5.5 V

BD96240MUF-CE2 Datasheet (PDF)

Go To PDF Page Download Datasheet
BD96240MUF-CE2 Datasheet PDF - Rohm

Part # BD96240MUF-CE2
Download  BD96240MUF-CE2 Click to download

File Size   3152.02 Kbytes
Page   64 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 8 Phase to 1 Phase Selectable Buck Controller with Maximum 160 A Output Current, 3.0 V to 5.5 V

BD96240MUF-CE2 Datasheet (HTML) - Rohm


BD96240MUF-CE2 Product details

Features
◼ AEC-Q100 Qualified(Note 1)
◼ Safety Mechanism is Implemented to Support
Functional Safety (ASIL-B)
◼ Up to 8 Phase Switching Regulator
◼ Programmable Output Voltage
◼ VID (Voltage Identification) Function
◼ Built-in Detection
OVD (Over Voltage Detection), UVD (Under Voltage
Detection), TW (Thermal Warning)
◼ Built-in Protection
OVP (Over Voltage Protection), UVP (Under Voltage
Protection), TSD (Thermal Shutdown)
◼ Built-in UVLO (Under Voltage Lockout), OVLO (Over
Voltage Lockout)
◼ Digital Built-in Self-test (DBIST)
◼ Analog Built-in Self-test (ABIST)
◼ Pin Built-in Self-test for Critical Signal Pins
(INTB and PGOOD)
◼ Built-in Mutual Monitoring of VREF and OSC
◼ Interrupt Output Pin (INTB)
(Note 1) Grade1
Applications
◼ In-vehicle Infotainment Systems (IVI Systems)
◼ Instrument Cluster Panel
◼ Advanced Driver Assistance Systems (ADAS)




Similar Part No. - BD96240MUF-CE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9610AMUV ROHM-BD9610AMUV Datasheet
1Mb / 30P
60V Synchronous Step-down Switching Regulator(Controller type)
BD9610AMUV-E2 ROHM-BD9610AMUV-E2 Datasheet
1Mb / 30P
60V Synchronous Step-down Switching Regulator(Controller type)
BD9611MUV ROHM-BD9611MUV Datasheet
2Mb / 40P
60V Synchronous Step-down Switching Regulator (Controller Type)
BD9611MUV-EVK-001 ROHM-BD9611MUV-EVK-001 Datasheet
1Mb / 11P
Synchronous Buck Converter Controller
BD9615MUV-LB ROHM-BD9615MUV-LB Datasheet
2Mb / 33P
1ch Boost DC/DC Controller
More results


Similar Description - BD96240MUF-CE2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40042 TI-TPS40042 Datasheet
833Kb / 35P
LOW PIN COUNT, LOW VIN (3.0 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH EXTERNAL REFERENCE INPUT
TPS40210-HT TI-TPS40210-HT Datasheet
850Kb / 37P
5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT_1 Datasheet
864Kb / 39P
5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40400 TI1-TPS40400 Datasheet
761Kb / 56P
3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40400_1110 TI-TPS40400_1110 Datasheet
1Mb / 72P
3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
logo
International Rectifier
CHL8316 IRF-CHL8316 Datasheet
294Kb / 2P
Digital Multi-Phase Buck Controller Programmable 1-phase to 6-phase operation
CHL8318-20 IRF-CHL8318-20 Datasheet
286Kb / 2P
Digital Multi-Phase Buck Controller Programmable 1-phase to 8-phase operation
IR3536 IRF-IR3536 Datasheet
354Kb / 3P
Digital Multi-Phase Buck Controller 6-phase 8-phase dual output PWM Controller
logo
Texas Instruments
TPS40210-HT TI-TPS40210-HT_15 Datasheet
731Kb / 40P
5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40042 TI1-TPS40042_16 Datasheet
1Mb / 36P
LOW PIN COUNT, LOW VIN (3.0 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH EXTERNAL REFERENCE INPUT
logo
Rohm
PV2205 ROHM-PV2205 Datasheet
707Kb / 2P
1 V to 60 V Wide-Input Dual-Phase Digital Synchronous Buck Controller with Auto-Control & SMBus??PMBus
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com