Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ25A Datasheet (PDF) - Won-Top Electronics

GBJ25A Datasheet PDF - Won-Top Electronics
Part # GBJ25A
Download  GBJ25A Download

File Size   61.57 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 25A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER

GBJ25A Datasheet (PDF)

Go To PDF Page Download Datasheet
GBJ25A Datasheet PDF - Won-Top Electronics

Part # GBJ25A
Download  GBJ25A Click to download

File Size   61.57 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 25A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER

GBJ25A Datasheet (HTML) - Won-Top Electronics

GBJ25A Datasheet HTML 1Page - Won-Top Electronics GBJ25A Datasheet HTML 2Page - Won-Top Electronics GBJ25A Datasheet HTML 3Page - Won-Top Electronics GBJ25A Datasheet HTML 4Page - Won-Top Electronics

GBJ25A Product details

Features

Glass Passivated Die Construction

Low Forward Voltage Drop

High Current Capability

High Reliability

High Surge Current Capability

Ideal for Printed Circuit Boards



Mechanical Data

Case: GBJ-6, Molded Plastic

Terminals: Plated Leads Solderable per MIL-STD-202, Method 208

Polarity: As Marked on Body

Weight: 7.0 grams (approx.)

Mounting Position: Any

Mounting Torque: 10 cm-kg (8.8 in-lbs) Max.




Similar Part No. - GBJ25A

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GBJ25A ZOWIE-GBJ25A Datasheet
269Kb / 2P
   SINTERED GLASS PASSIVATED BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
GBJ25A GOOD-ARK-GBJ25A Datasheet
156Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 25.0 Amperes
logo
SeCoS Halbleitertechnol...
GBJ25A SECOS-GBJ25A Datasheet
187Kb / 2P
   25.0 AMP Glass Passivated Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
GBJ25A SEMTECH_ELEC-GBJ25A Datasheet
320Kb / 2P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
GBJ25A CHENG-YI-GBJ25A Datasheet
159Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Similar Description - GBJ25A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBPC25S WTE-GBPC25S Datasheet
73Kb / 4P
   25A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
MB2505GW TAITRON-MB2505GW Datasheet
144Kb / 4P
   25A Single-Phase Glass Passivated Bridge Rectifier
logo
Nell Semiconductor Co.,...
GBU25 NELLSEMI-GBU25 Datasheet
160Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 25A
GBPC25 NELLSEMI-GBPC25 Datasheet
212Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier, 25A
logo
Zibo Seno Electronic En...
GBPC2500 ZSELEC-GBPC2500 Datasheet
89Kb / 2P
   25A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
GBJ25 NELLSEMI-GBJ25 Datasheet
224Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 25A
GBJ25H NELLSEMI-GBJ25H Datasheet
244Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 25A
GBPC25M NELLSEMI-GBPC25M Datasheet
391Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier, 25A
logo
Zibo Seno Electronic En...
KBPC2500 ZSELEC-KBPC2500 Datasheet
387Kb / 2P
   25A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Naina Semiconductor ltd...
GBPC25 NAINA-GBPC25 Datasheet
209Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier, 25A
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com