Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39901B9431M410 Datasheet (PDF) - EPCOS

B39901B9431M410 Datasheet PDF - EPCOS
Part # B39901B9431M410
Download  B39901B9431M410 Download

File Size   101.53 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Tx Filter 897.5 MHz

B39901B9431M410 Datasheet (PDF)

Go To PDF Page Download Datasheet
B39901B9431M410 Datasheet PDF - EPCOS

Part # B39901B9431M410
Download  B39901B9431M410 Click to download

File Size   101.53 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Tx Filter 897.5 MHz

B39901B9431M410 Datasheet (HTML) - EPCOS

B39901B9431M410 Datasheet HTML 1Page - EPCOS B39901B9431M410 Datasheet HTML 2Page - EPCOS B39901B9431M410 Datasheet HTML 3Page - EPCOS B39901B9431M410 Datasheet HTML 4Page - EPCOS B39901B9431M410 Datasheet HTML 5Page - EPCOS B39901B9431M410 Datasheet HTML 6Page - EPCOS B39901B9431M410 Datasheet HTML 7Page - EPCOS B39901B9431M410 Datasheet HTML 8Page - EPCOS

B39901B9431M410 Product details

Features
■ Package size 1.4 x 1.1 x 0.4 mm3
■ Package code QCS5I
■ RoHS compatible
■ Approx. weight 0.003g
■ Package for Surface Mount Technology (SMT)
■ Ni, gold-plated terminals
■ Electrostatic Sensitive Device (ESD)

Application
■ Low loss RF filter for mobile telephone GSM900 systems, transmit path (Tx)
■ Low insertion attenuation
■ Low amplitude ripple
■ Usable passband 35.0 MHz
■ Unbalanced to unbalanced operation
■ No matching network required for operation at 50 Ω




Similar Part No. - B39901B9431M410

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39901B9431M410 TDK-B39901B9431M410 Datasheet
198Kb / 8P
   SAW Components
More results


Similar Description - B39901B9431M410

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856671 TRIQUINT-856671_15 Datasheet
392Kb / 6P
   897.5 MHz SAW Filter
856113 TRIQUINT-856113 Datasheet
431Kb / 5P
   897.5 MHz SAW Filter
856824 TRIQUINT-856824 Datasheet
511Kb / 5P
   897.5 MHz SAW Filter
856657 TRIQUINT-856657_15 Datasheet
396Kb / 5P
   897.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1003A TAI-SAW-TA1003A Datasheet
518Kb / 6P
   SAW Filter 897.5 MHz
TA1814B TAI-SAW-TA1814B Datasheet
705Kb / 8P
   SAW Filter 897.5 MHz
logo
TriQuint Semiconductor
856824 TRIQUINT-856824_15 Datasheet
533Kb / 5P
   897.5 MHz SAW Filter
logo
Spectrum Microwave, Inc...
SF0898BA02546S SPECTRUM-SF0898BA02546S Datasheet
298Kb / 4P
   897.5 MHz SAW Filter 40 MHz Bandwidth
logo
API Technologies Corp
SF0898BA02546S APITECH-SF0898BA02546S Datasheet
298Kb / 4P
   897.5 MHz SAW Filter 40 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA0494A TAI-SAW-TA0494A Datasheet
409Kb / 6P
   SAW Filter 897.5 MHz SMD 3X3 mm
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com