Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX22194ATJ+ Datasheet (PDF) - Analog Devices

MAX22194ATJ+ Datasheet PDF - Analog Devices
Part # MAX22194ATJ+
Download  MAX22194ATJ+ Download
File Size   2467.26 Kbytes
Page   51 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad Industrial Sink/Source Digital Input

MAX22194ATJ+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX22194ATJ+ Datasheet PDF - Analog Devices

Part # MAX22194ATJ+
Download  MAX22194ATJ+ Click to download

File Size   2467.26 Kbytes
Page   51 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad Industrial Sink/Source Digital Input

MAX22194ATJ+ Datasheet (HTML) - Analog Devices


MAX22194ATJ+ Product details

Product Highlights
• Software Configurable
• Four Inputs Individually Configurable as Sink or
Source
• Type 1/3, Type 2, TTL, and Hi-Z (HTL) Modes
• Wide Resistor-Settable Accurate Input Current
Ranging from 0.5mA to 6.75mA
• Programmable Glitch Filters
• Extensive Diagnostics (Supply Voltage
Monitoring, Temperature Alarms, PCB Fault
Alarms, Thermal Shutdown)
• Addressable or Daisy-Chain SPI to Reduce
Isolation Channels
• Robust Solution
• IEC 61000-4-2 ESD Airgap ±15kV and Contact
±8kV with Minimum 680Ω Pulse Resistor at Field
Inputs
• IEC 61000-4-5 Surge ±1.2kV/42Ω with Minimum
680Ω Pulse Resistor at Field Inputs
• CRC Error Detection on SPI
• -40°C to +125°C Operating Temperature
• Low-Power Dissipation
• Operates from 8V to 36V Field Supply
• Low-Supply Current 2mA Maximum
• Compact Solution
• Integrated 5V, 20mA Linear Regulator
• 2.5V to 5.5V Logic Interface
• LED Driver Matrix or GPO Outputs
• 5mm x 5mm 32-Pin TQFN Package

Key Applications
• Programmable Logic Controllers
• Factory Automation
• Process Control




Similar Part No. - MAX22194ATJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX22190 MAXIM-MAX22190 Datasheet
1Mb / 12P
Configured for IEC 61131-2 Type 1 and Type 3 Sensor Inputs
Rev 0; 8/18
MAX22190 MAXIM-MAX22190 Datasheet
972Kb / 40P
Octal Industrial Digital Input with Diagnostics
19-100224; Rev 5; 9/20
MAX22190ATJ+ MAXIM-MAX22190ATJ+ Datasheet
972Kb / 40P
Octal Industrial Digital Input with Diagnostics
19-100224; Rev 5; 9/20
MAX22190EVKIT MAXIM-MAX22190EVKIT Datasheet
3Mb / 27P
EV Kit Logic Side is USB-Powered
Rev 2; 11/18
MAX22190PMB MAXIM-MAX22190PMB Datasheet
1Mb / 12P
Configured for IEC 61131-2 Type 1 and Type 3 Sensor Inputs
Rev 0; 8/18
More results


Similar Description - MAX22194ATJ+

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVS882 TI-SN65HVS882 Datasheet
758Kb / 23P
INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS882 TI-SN65HVS882 Datasheet
743Kb / 23P
INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS882 TI-SN65HVS882_1 Datasheet
555Kb / 22P
INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
logo
Maxim Integrated Produc...
MAX31911 MAXIM-MAX31911_13 Datasheet
765Kb / 15P
Industrial, Octal, Digital Input Translator/Serializer
Rev 2; 10/13
MAX22190 MAXIM-MAX22190 Datasheet
972Kb / 40P
Octal Industrial Digital Input with Diagnostics
19-100224; Rev 5; 9/20
MAX14906 MAXIM-MAX14906_V01 Datasheet
786Kb / 55P
Quad-Channel Industrial Digital Output/Digital Input
2021
logo
Analog Devices
MAX22196 AD-MAX22196 Datasheet
2Mb / 61P
Octal Industrial Sink/Source Digital Input
Rev 0; 03/23
logo
NHP Electrical Engineer...
1762-IQ16 NHP-1762-IQ16 Datasheet
523Kb / 1P
MicroLogix Digital Input Module 16 Point 24V DC Sink/Source
6 June 2023,
1762-IQ32T NHP-1762-IQ32T Datasheet
524Kb / 1P
MicroLogix Digital Input Module 32 Point 24V DC Sink/Source
6 June 2023,
1762-IQ8 NHP-1762-IQ8 Datasheet
524Kb / 1P
MicroLogix Digital Input Module 8 Point 24V DC Sink/Source
6 June 2023,
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com