Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH4S64BLG-7 Datasheet (PDF) - Mitsubishi Electric Semiconductor

MH4S64BLG-7 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # MH4S64BLG-7
Download  MH4S64BLG-7 Download

File Size   586.33 Kbytes
Page   55 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 268435456-BIT (4194304 - WORD BY 64-BIT)SynchronousDRAM

MH4S64BLG-7 Datasheet (PDF)

Go To PDF Page Download Datasheet
MH4S64BLG-7 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # MH4S64BLG-7
Download  MH4S64BLG-7 Click to download

File Size   586.33 Kbytes
Page   55 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 268435456-BIT (4194304 - WORD BY 64-BIT)SynchronousDRAM

MH4S64BLG-7 Datasheet (HTML) - Mitsubishi Electric Semiconductor

Back Button MH4S64BLG-7 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH4S64BLG-7 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH4S64BLG-7 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH4S64BLG-7 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH4S64BLG-7 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH4S64BLG-7 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH4S64BLG-7 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH4S64BLG-7 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH4S64BLG-7 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MH4S64BLG-7 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button 

MH4S64BLG-7 Product details

DESCRIPTION
The MH4S64BLG is 4194304 - word by 64-bit Synchronous DRAM module. This consists of four industry standard 4Mx16 Synchronous DRAMs in TSOP and one industory standard EEPROM in TSSOP.
The mounting of TSOP on a card edge Dual Inline package provides any application where high densities and large quantities of memory are required.
This is a socket type - memory modules, suitable for easy interchange or addition of modules.

FEATURES
• Utilizes industry standard 4M x 16 Synchronous DRAMs TSOP and industry standard EEPROM in TSSOP
• 168-pin (84-pin dual in-line package)
• single 3.3V±0.3V power supply
• Clock frequency 100MHz
• Fully synchronous operation referenced to clock rising edge
• 4 bank operation controlled by BA0,1(Bank Address)
• /CAS latency- 2/3(programmable)
• Burst length- 1/2/4/8/Full Page(programmable)
• Burst type- sequential / interleave(programmable)
• Column access - random
• Auto precharge / All bank precharge controlled by A10
• Auto refresh and Self refresh
• 4096 refresh cycle /64ms
• LVTTL Interface
• Discrete IC and module design conform to PC100 specification.
   (module Spec. Rev. 1.0 and SPD 1.2A(-7,-8), SPD1.0(-10))

APPLICATION
   PC main memory




Similar Part No. - MH4S64BLG-7

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH4S64BBKG-10 MITSUBISHI-MH4S64BBKG-10 Datasheet
576Kb / 55P
   268435456-BIT (4194304 - WORD BY 64-BIT)SynchronousDRAM
MH4S64BBKG-10L MITSUBISHI-MH4S64BBKG-10L Datasheet
576Kb / 55P
   268435456-BIT (4194304 - WORD BY 64-BIT)SynchronousDRAM
MH4S64BBKG-7 MITSUBISHI-MH4S64BBKG-7 Datasheet
576Kb / 55P
   268435456-BIT (4194304 - WORD BY 64-BIT)SynchronousDRAM
MH4S64BBKG-7L MITSUBISHI-MH4S64BBKG-7L Datasheet
576Kb / 55P
   268435456-BIT (4194304 - WORD BY 64-BIT)SynchronousDRAM
MH4S64BBKG-8 MITSUBISHI-MH4S64BBKG-8 Datasheet
576Kb / 55P
   268435456-BIT (4194304 - WORD BY 64-BIT)SynchronousDRAM
More results


Similar Description - MH4S64BLG-7

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH4S64DBKG-7 MITSUBISHI-MH4S64DBKG-7 Datasheet
681Kb / 55P
   268435456-BIT (4194304 - WORD BY 64-BIT)SynchronousDRAM
MH4S64BKG-10 MITSUBISHI-MH4S64BKG-10 Datasheet
572Kb / 55P
   268435456-BIT (4194304 - WORD BY 64-BIT)SynchronousDRAM
MH4S64CBMD-10 MITSUBISHI-MH4S64CBMD-10 Datasheet
708Kb / 47P
   268435456-BIT (4194304-WORD BY 64-BIT)SynchronousDRAM
MH4S64CWZTJ-12 MITSUBISHI-MH4S64CWZTJ-12 Datasheet
678Kb / 44P
   268435456-BIT (4194304-WORD BY 64-BIT)SynchronousDRAM
MH4S64BBKG-7 MITSUBISHI-MH4S64BBKG-7 Datasheet
576Kb / 55P
   268435456-BIT (4194304 - WORD BY 64-BIT)SynchronousDRAM
MH4S64CZTJ-12 MITSUBISHI-MH4S64CZTJ-12 Datasheet
706Kb / 45P
   268435456-BIT (4194304-WORD BY 64-BIT)SynchronousDRAM
MH4S72BLG-7 MITSUBISHI-MH4S72BLG-7 Datasheet
587Kb / 55P
   301989888-BIT (4194304 - WORD BY 72-BIT)SynchronousDRAM
MH4S72CMA-10 MITSUBISHI-MH4S72CMA-10 Datasheet
687Kb / 47P
   301989888-BIT (4194304-WORD BY 72-BIT)SynchronousDRAM
MH4V6445BXJJ-5 MITSUBISHI-MH4V6445BXJJ-5 Datasheet
152Kb / 26P
   HYPER PAGE MODE 268435456-BIT (4194304-WORD BY 64-BIT)DYNAMIC RAM
MH4V64AXJJ MITSUBISHI-MH4V64AXJJ Datasheet
217Kb / 25P
   FAST PAGE MODE 268435456-BIT (4194304-WORD BY 64-BIT)DYNAMIC RAM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com