Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH32S72VJA-6 Datasheet (PDF) - Mitsubishi Electric Semiconductor

MH32S72VJA-6 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # MH32S72VJA-6
Download  MH32S72VJA-6 Download
File Size   935.57 Kbytes
Page   56 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM

MH32S72VJA-6 Datasheet (PDF)

Go To PDF Page Download Datasheet
MH32S72VJA-6 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # MH32S72VJA-6
Download  MH32S72VJA-6 Click to download

File Size   935.57 Kbytes
Page   56 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM

MH32S72VJA-6 Datasheet (HTML) - Mitsubishi Electric Semiconductor


MH32S72VJA-6 Product details

DESCRIPTION
The MH32S72VJA is 33554432 - word x 72-bit Synchronous DRAM module. This consist of eighteen industry standard 32M x 4 Synchronous DRAMs in TSOP.
The TSOP on a card edge dual in-line package provides any application where high densities and large of quantities memory are required.
This is a socket-type memory module ,suitable for easy interchange or addition of module.

FEATURES
• Utilizes industry standard 32M X 4 Synchronous DRAMs in TSOP package , industry standard Resistered buffer in TSSOP package,industry standard PLL in TSSOP package
• Single 3.3V +/- 0.3V supply
• Max.Clock frequency 133MHz
• Fully synchronous operation referenced to clock rising edge
• 4-bank operation controlled by BA0,BA1(Bank Address)
• /CAS latency -2/3(programmable,at buffer mode)
• LVTTL Interface
• Burst length 1/2/4/8/Full Page(programmable)
• Burst type- Sequential and interleave burst (programmable)
• Random column access
• Burst Write / Single Write(programmable)
• Auto precharge / All bank precharge controlled by A10
• Auto refresh and Self refresh
• 4096 refresh cycles every 64ms

APPLICATION
   Main memory or graphic memory in computer systems




Similar Part No. - MH32S72VJA-6

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH32S72APHB-6 MITSUBISHI-MH32S72APHB-6 Datasheet
703Kb / 55P
2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
MH32S72APHB-7 MITSUBISHI-MH32S72APHB-7 Datasheet
703Kb / 55P
2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
MH32S72APHB-8 MITSUBISHI-MH32S72APHB-8 Datasheet
703Kb / 55P
2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
MH32S72AQJA-7 MITSUBISHI-MH32S72AQJA-7 Datasheet
917Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72AQJA-8 MITSUBISHI-MH32S72AQJA-8 Datasheet
917Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
More results


Similar Description - MH32S72VJA-6

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH32S72AVJA-6 MITSUBISHI-MH32S72AVJA-6 Datasheet
953Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72DBFA-7 MITSUBISHI-MH32S72DBFA-7 Datasheet
941Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BAFA-7 MITSUBISHI-MH32S72BAFA-7 Datasheet
778Kb / 54P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72DBFA-6 MITSUBISHI-MH32S72DBFA-6 Datasheet
952Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BBFA-6 MITSUBISHI-MH32S72BBFA-6 Datasheet
963Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72AQJA-7 MITSUBISHI-MH32S72AQJA-7 Datasheet
917Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BBFA-7 MITSUBISHI-MH32S72BBFA-7 Datasheet
964Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72PHB-6 MITSUBISHI-MH32S72PHB-6 Datasheet
582Kb / 40P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72APHB-6 MITSUBISHI-MH32S72APHB-6 Datasheet
703Kb / 55P
2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
MH32S64PHB-6 MITSUBISHI-MH32S64PHB-6 Datasheet
579Kb / 40P
2,147,483,648-BIT ( 33,554,432-WORD BY 64-BIT ) Synchronous DYNAMIC RAM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com