Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EV3213DH-00A Datasheet (PDF) - Monolithic Power Systems

EV3213DH-00A Datasheet PDF - Monolithic Power Systems
Part # EV3213DH-00A
Download  EV3213DH-00A Download

File Size   184.0 Kbytes
Page   4 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 700KHz/1.3MHz Boost Converter with a 3.5A Switch Evaluation Board

EV3213DH-00A Datasheet (PDF)

Go To PDF Page Download Datasheet
EV3213DH-00A Datasheet PDF - Monolithic Power Systems

Part # EV3213DH-00A
Download  EV3213DH-00A Click to download

File Size   184.0 Kbytes
Page   4 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 700KHz/1.3MHz Boost Converter with a 3.5A Switch Evaluation Board

EV3213DH-00A Datasheet (HTML) - Monolithic Power Systems

EV3213DH-00A Datasheet HTML 1Page - Monolithic Power Systems EV3213DH-00A Datasheet HTML 2Page - Monolithic Power Systems EV3213DH-00A Datasheet HTML 3Page - Monolithic Power Systems EV3213DH-00A Datasheet HTML 4Page - Monolithic Power Systems

EV3213DH-00A Product details

DESCRIPTION
The MP3213 is a current mode step-up converter with a 3.5A, 0.18Ω internal switch to provide a highly efficient regulator with fast response. The MP3213 operates at 700KHz or 1.3MHz allowing for easy filtering and low noise. An external compensation pin gives the user flexibility in setting loop dynamics, which allows the use of small, low-ESR ceramic output capacitors. Soft-start results in small inrush current and can be programmed with an external capacitor. The MP3213 operates from an input voltage as low as 2.5V and can generate 12V at up to 500mA from a 5V supply.

FEATURES
• 3.5A, 0.18Ω, 25V Power MOSFET
• Uses Tiny Capacitors and Inductors
• Pin Selectable 700KHz or 1.3MHz Fixed Switching Frequency
• Programmable Soft-Start
• Operates with Input Voltage as Low as 2.5V and Output Voltage as High as 22V
• 12V at 500mA from 5V Input
• UVLO, Thermal Shutdown
• Internal Current Limit
• Available in an 8-Pin MSOP Package with Exposed Pad

APPLICATIONS
• LCD Displays
• Portable Applications
• Handheld Computers and PDAs
• Digital Still and Video Cameras




Similar Part No. - EV3213DH-00A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV3213DH-00A MPS-EV3213DH-00A Datasheet
458Kb / 10P
   700KHz/1.3MHz Boost Converter with a 3.5A Switch
More results


Similar Description - EV3213DH-00A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV3213DH-00B MPS-EV3213DH-00B Datasheet
350Kb / 8P
   700KHz/1.3MHz Boost Converter with a 3.5A Switch Evaluation Board
MP3213 MPS-MP3213 Datasheet
458Kb / 10P
   700KHz/1.3MHz Boost Converter with a 3.5A Switch
MP1542 MPS-MP1542_06 Datasheet
460Kb / 10P
   700KHz/1.3MHz Boost Converter with a 2A Switch
MPQ1542 MPS-MPQ1542 Datasheet
917Kb / 15P
   700KHz/1.3MHz Boost Converter with a 2A Switch
EV1542DK-SEPIC-00A MPS-EV1542DK-SEPIC-00A Datasheet
175Kb / 4P
   700KHz/1.3MHz Boost Converter with a 2A Switch
MP1542 MPS-MP1542 Datasheet
485Kb / 10P
   700KHz/1.3MHz Boost Converter with a 2A Switch
EV1542DK-00A MPS-EV1542DK-00A Datasheet
197Kb / 4P
   700KHz/1.3MHz Boost Converter with a 2A Switch
EV3216DJ-00A MPS-EV3216DJ-00A Datasheet
190Kb / 4P
   1.3MHz, 36V Boost Converter Evaluation Board
EV3209DJ-00A MPS-EV3209DJ-00A Datasheet
137Kb / 4P
   1.3MHz 350mA Boost Converter Evaluation Board
EVQ3425-L-00A MPS-EVQ3425-L-00A Datasheet
195Kb / 4P
   Boost Converter With a 55V, 3.5A Switch
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com