Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH32S72DBFA-7 Datasheet (PDF) - Mitsubishi Electric Semiconductor

MH32S72DBFA-7 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # MH32S72DBFA-7
Download  MH32S72DBFA-7 Download

File Size   941.97 Kbytes
Page   56 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM

MH32S72DBFA-7 Datasheet (PDF)

Go To PDF Page Download Datasheet
MH32S72DBFA-7 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # MH32S72DBFA-7
Download  MH32S72DBFA-7 Click to download

File Size   941.97 Kbytes
Page   56 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM

MH32S72DBFA-7 Datasheet (HTML) - Mitsubishi Electric Semiconductor


MH32S72DBFA-7 Product details

DESCRIPTION
The MH32S72DBFA is 33554432 - word x 72-bit Sy nchronous DRAM stacked structural module. This consist of thirty -six industry standard 16M x 4 Sy nchronous DRAMs in TSOP.
The stacked structure of TSOP on a card edge dual inline package prov ides any application where high densities and large of quantities memory are required.
This is a socket-ty pe memory module ,suitable f or easy interchange or addition of module.

FEATURES
• Utilizes industry standard 16M X 4 Synchronous DRAMs in TSOP package , industrystandard Resister in TSSOP package , and industry standard PLL in TSSOP package.
• Single 3.3V +/- 0.3V supply
• Burst length 1/2/4/8/Full Page (programmable)
• Burst type sequential / interleave (programmable)
• Column access random
• Burst W rite / Single W rite (programmable)
• Auto precharge / Auto bank precharge controlled by A10
• Auto refresh and Self refresh
• LVTTL Interface
• 4096 refresh cycles every 64ms
• Intel specifiation(rev. 1.2)compliant PCB and SPD 1.2A

APPLICATION
   Main memoryunit for computers, Microcomputer memory.




Similar Part No. - MH32S72DBFA-7

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH32S72DBFA-6 MITSUBISHI-MH32S72DBFA-6 Datasheet
952Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
More results


Similar Description - MH32S72DBFA-7

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH32S72AVJA-6 MITSUBISHI-MH32S72AVJA-6 Datasheet
953Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BAFA-7 MITSUBISHI-MH32S72BAFA-7 Datasheet
778Kb / 54P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72VJA-6 MITSUBISHI-MH32S72VJA-6 Datasheet
935Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72DBFA-6 MITSUBISHI-MH32S72DBFA-6 Datasheet
952Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BBFA-6 MITSUBISHI-MH32S72BBFA-6 Datasheet
963Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72AQJA-7 MITSUBISHI-MH32S72AQJA-7 Datasheet
917Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BBFA-7 MITSUBISHI-MH32S72BBFA-7 Datasheet
964Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72PHB-6 MITSUBISHI-MH32S72PHB-6 Datasheet
582Kb / 40P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72APHB-6 MITSUBISHI-MH32S72APHB-6 Datasheet
703Kb / 55P
   2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
MH32S64PHB-6 MITSUBISHI-MH32S64PHB-6 Datasheet
579Kb / 40P
   2,147,483,648-BIT ( 33,554,432-WORD BY 64-BIT ) Synchronous DYNAMIC RAM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com