Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GP1S52VJ000F Datasheet (PDF) - Sharp Corporation

GP1S52VJ000F Datasheet PDF - Sharp Corporation
Part # GP1S52VJ000F
Download  GP1S52VJ000F Download
File Size   155.8 Kbytes
Page   12 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Photointerrupter

GP1S52VJ000F Datasheet (PDF)

Go To PDF Page Download Datasheet
GP1S52VJ000F Datasheet PDF - Sharp Corporation

Part # GP1S52VJ000F
Download  GP1S52VJ000F Click to download

File Size   155.8 Kbytes
Page   12 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Photointerrupter

GP1S52VJ000F Datasheet (HTML) - Sharp Corporation


GP1S52VJ000F Product details

■ Description
GP1S52VJ000F is a standard, phototransistor output, transmissive photointerrupter with opposing emitter and detector in a case, providing non-contact sensing. For this family of devices, the emitter and detector are inserted in a case, resulting in a through-hole design.

■ Features
1. Transmissive with phototransistor output
2. Highlights :
    • Verical Slit for alternate motion detection
3. Key Parameters :
    • Gap Width : 3mm
    • Slit Width (detector side): 0.5mm
    • Package : 12.2×10×5mm
4. Lead free and RoHS directive compliant

■ Applications
1. General purpose detection of object presence or motion.
2. Example : Printer, FAX, Optical storage unit




Similar Part No. - GP1S52VJ000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S52V SHARP-GP1S52V Datasheet
76Kb / 5P
General Purpose Photointerrupter
More results


Similar Description - GP1S52VJ000F

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P6291 HAMAMATSU-P6291 Datasheet
63Kb / 2P
Photointerrupter
logo
COSMO Electronics Corp...
KW1S40FC COSMO-KW1S40FC Datasheet
393Kb / 2P
Photointerrupter
KW1S50FC COSMO-KW1S50FC Datasheet
365Kb / 2P
Photointerrupter
KW1S54FC COSMO-KW1S54FC Datasheet
375Kb / 2P
Photointerrupter
KW1S55FC COSMO-KW1S55FC Datasheet
394Kb / 2P
Photointerrupter
KW1S57FC COSMO-KW1S57FC Datasheet
376Kb / 2P
Photointerrupter
logo
Seoul Semiconductor
SPS-8T SEOUL-SPS-8T Datasheet
38Kb / 2P
Photointerrupter
logo
Toshiba Semiconductor
TLP1002A TOSHIBA-TLP1002A Datasheet
401Kb / 9P
PHOTOINTERRUPTER
logo
Lite-On Technology Corp...
LTH-306-09 LITEON-LTH-306-09 Datasheet
411Kb / 6P
Photointerrupter
LTH-872-N55T1 LITEON-LTH-872-N55T1 Datasheet
412Kb / 6P
Photointerrupter
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com