Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC01000710 Datasheet (PDF) - Skyworks Solutions Inc.

SC01000710 Datasheet PDF - Skyworks Solutions Inc.
Part # SC01000710
Download  SC01000710 Download
File Size   161.87 Kbytes
Page   5 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description MIS Chip Capacitors

SC01000710 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC01000710 Datasheet PDF - Skyworks Solutions Inc.

Part # SC01000710
Download  SC01000710 Click to download

File Size   161.87 Kbytes
Page   5 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description MIS Chip Capacitors

SC01000710 Datasheet (HTML) - Skyworks Solutions Inc.


SC01000710 Product details

Features
• Readily available from stock
• High reliability silicon oxide-nitride dielectric
• Low loss: typically 0.04 dB in a 50 Ω system
• Operation through 26 GHz
• Wide temperature operation

Description
Skyworks Metal Insulator Silicon (MIS) chip capacitors are available in a wide range of sizes and capacitance values. The devices have a dielectric composed of thermally grown silicon dioxide over which a layer of silicon nitride is deposited. This dielectric has a low temperature coefficient of capacitance and very high insulation resistance. The MIS chip capacitors also exhibit excellent long-term stability, which makes them suitable for high-reliability applications. The capacitors have a high dielectric breakdown, which permits the use of thin dielectrics resulting in large capacitance per unit area. The temperature coefficient is less than 50 ppm/°C, allowing the capacitors to operate from –65 °C up to 200 °C. Compared to ceramic capacitors, Skyworks MIS chip capacitors offer higher Q and an insertion loss of 0.04 dB in a 50 Ω system. Insulation resistance is greater than 105 MΩ. To accommodate high volume, automated assembly methods, wafers can be supplied on expanded film frames. To reduce cost, chips can be supplied packaged in vials with sample testing only. Packaging in waffle packs with 100 percent electrical testing and visual inspection is also available.




Similar Part No. - SC01000710

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SC01000710 SKYWORKS-SC01000710 Datasheet
65Kb / 3P
MIS Chip Capacitors
More results


Similar Description - SC01000710

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HIF3F-10PA-2.54DSA HIROSE-HIF3F-10PA-2.54DSA Datasheet
120Kb / 3P
Box type Pin Header to Prevent Mis-insertion
logo
Skyworks Solutions Inc.
SC02201518 SKYWORKS-SC02201518 Datasheet
65Kb / 3P
MIS Chip Capacitors
logo
List of Unclassifed Man...
SC9017-000 ETC1-SC9017-000 Datasheet
53Kb / 2P
FET Chip Mounting Capacitors (MIS)
logo
EPCOS
B45294R9227M409 EPCOS-B45294R9227M409 Datasheet
249Kb / 5P
Tantalum Chip Capacitors
X8R EPCOS-X8R Datasheet
112Kb / 13P
Multilayer ceramic capacitors Chip capacitors
logo
NTE Electronics
NTE1073 NTE-NTE1073 Datasheet
81Kb / 1P
Integrated Circuit AM−RF Amplifier, Mis, OSC FM−IF Amplifier
logo
AVX Corporation
MS20 AVX-MS20 Datasheet
178Kb / 2P
MIS/MOS Single Layer Capacitors Metal Insulator Semiconductor/Metal Oxide Semiconductor
logo
Cooper Bussmann, Inc.
MIS-1 COOPER-MIS-1 Datasheet
292Kb / 2P
MIS non time-delay pin indicating supplemental fuses
logo
Eaton All Rights Reserv...
KAZ EATON-KAZ Datasheet
292Kb / 2P
KAZ and MIS 13??2? x 2? 600Vac KAZ actuator and MIS non time-delay pin indicating supplemental fuses
logo
Japan Aviation Electron...
KN06-KEY JAE-KN06-KEY Datasheet
70Kb / 3P
CONN RECTANGULAR MIS-MATING PREV
logo
Lorlin Electronics Ltd.
MIS LORLIN-MIS Datasheet
301Kb / 2P
MIS IMPULSION LOCK SWITCH WITH BRACKETED MAINS SWITCH MODULE
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com