Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C3V9CC Datasheet (PDF) - Won-Top Electronics

BZX84C3V9CC Datasheet PDF - Won-Top Electronics
Part # BZX84C3V9CC
Download  BZX84C3V9CC Download

File Size   60.76 Kbytes
Page   5 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 350mW SURFACE MOUNT DUAL ZENER DIODE

BZX84C3V9CC Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX84C3V9CC Datasheet PDF - Won-Top Electronics

Part # BZX84C3V9CC
Download  BZX84C3V9CC Click to download

File Size   60.76 Kbytes
Page   5 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 350mW SURFACE MOUNT DUAL ZENER DIODE

BZX84C3V9CC Datasheet (HTML) - Won-Top Electronics

BZX84C3V9CC Datasheet HTML 1Page - Won-Top Electronics BZX84C3V9CC Datasheet HTML 2Page - Won-Top Electronics BZX84C3V9CC Datasheet HTML 3Page - Won-Top Electronics BZX84C3V9CC Datasheet HTML 4Page - Won-Top Electronics BZX84C3V9CC Datasheet HTML 5Page - Won-Top Electronics

BZX84C3V9CC Product details

 Dual Zener Diodes in Common Cathode
 350mW Power Dissipation
 2.4V – 75V Nominal Zener Voltage
 5% Standard Vz Tolerance
 Designed for Surface Mount Application
 Plastic Material – UL Recognition Flammability
Classification 94V-0




Similar Part No. - BZX84C3V9CC

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
BZX84C3V9CC HTSEMI-BZX84C3V9CC Datasheet
609Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Diode Semiconductor Kor...
BZX84C3V9CC DSK-BZX84C3V9CC Datasheet
352Kb / 5P
   SILCON PLANAR ZENER DIODES
logo
Zibo Seno Electronic En...
BZX84C3V9CC ZSELEC-BZX84C3V9CC Datasheet
131Kb / 3P
   Silicon Planar Zener Diodes
logo
Shenzhen Jin Yu Semicon...
BZX84C3V9CCW HTSEMI-BZX84C3V9CCW Datasheet
387Kb / 2P
   SILICON PLANAR ZENER DIODES
More results


Similar Description - BZX84C3V9CC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_15 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C43 DIODES-BZX84C43_1 Datasheet
350Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 5 - 2
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
MMBZ5221B DIODES-MMBZ5221B_10 Datasheet
88Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 21 - 2
BZX84C2V4 DIODES-BZX84C2V4_12 Datasheet
103Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C12-7 DIODES-BZX84C12-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C18-7 DIODES-BZX84C18-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMBZ5221B WTE-MMBZ5221B Datasheet
76Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_1 Datasheet
447Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 25 - 2
BZX84C20-7 DIODES-BZX84C20-7 Datasheet
87Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4 DSK-BZX84C2V4 Datasheet
313Kb / 5P
   350mW Surface Mount Zener Diode
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com