Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MH32D64AKQJ-75 Datasheet (PDF) - Mitsubishi Electric Semiconductor

MH32D64AKQJ-75 Datasheet PDF - Mitsubishi Electric Semiconductor
Part No. MH32D64AKQJ-75
Download  MH32D64AKQJ-75 Click to view

File Size   343.47 Kbytes
Page   40 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 2,147,483,684-BIT (33,554,432-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module

MH32D64AKQJ-75 Datasheet (PDF)

Go To PDF Page Download Datasheet
MH32D64AKQJ-75 Datasheet PDF - Mitsubishi Electric Semiconductor

Part No. MH32D64AKQJ-75
Download  MH32D64AKQJ-75 Click to view

File Size   343.47 Kbytes
Page   40 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 2,147,483,684-BIT (33,554,432-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module

MH32D64AKQJ-75 Datasheet (HTML) - Mitsubishi Electric Semiconductor

Back Button MH32D64AKQJ-75 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH32D64AKQJ-75 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH32D64AKQJ-75 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH32D64AKQJ-75 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH32D64AKQJ-75 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH32D64AKQJ-75 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH32D64AKQJ-75 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH32D64AKQJ-75 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH32D64AKQJ-75 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MH32D64AKQJ-75 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button 

MH32D64AKQJ-75 Product details

DESCRIPTION
The MH32D64AKQJ is 33554432 - word x 64-bit Double Data Rate(DDR) Sy nchronous DRAM mounted module.
This consists of 8 industry standard 16M x 16 DDR Sy nchronous DRAMs in TSOP with SSTL_2 interf ace which achiev es v ery high speed data rate up to 133MHz.
This socket-ty pe memory module is suitable f or main memory in computer systems and easy to interchange or add modules.

FEATURES
- Utilizes industry standard 16M X 16 DDR Synchronous DRAMs in TSOP package , industry standard EEPROM(SPD) in TSSOP package
- 200pin SO-DIMM
- Vdd=Vddq=2.5v ±0.2V
- Double data rate architecture; two data transf ers per clock cycle
- Bidirectional, data strobe (DQS) is transmitted/receiv ed with data
- Dif f erential clock inputs (CLK and /CLK)
- DLL aligns DQ and DQS transitions with CLK transition edges of DQS
- Commands entered on each positiv e CLK edge
- Data and data mask ref erenced to both edges of DQS
- 4bank operation concontrolled by BA0,BA1(Bank Address ,discrete)
- /CAS latency - 2.0/2.5 (programmable)
- Burst length- 2/4/8 (programmable)
- Burst Ty pe - sequential/interleav e(programmable)
- Auto precharge / All bank precharge controlled by A10
- 8192 ref resh cycles /64ms
- Auto ref resh and Self ref resh
- Row address A0-12 / Column address A0-8
- SSTL_2 Interf ace
- Module 2bank Conf igration

APPLICATION
   Main memoryunit for Note PC, Mobile etc.



Similar Part No. - MH32D64AKQJ-75

ManufacturerPart No.DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
MH32D64KQH-10 MITSUBISHI-MH32D64KQH-10 Datasheet
350Kb / 40P
   2,147,483,648-BIT (33,554,432-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MH32D64KQH-75 MITSUBISHI-MH32D64KQH-75 Datasheet
350Kb / 40P
   2,147,483,648-BIT (33,554,432-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
More results

Similar Description - MH32D64AKQJ-75

ManufacturerPart No.DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
MH32D64KQH-75 MITSUBISHI-MH32D64KQH-75 Datasheet
350Kb / 40P
   2,147,483,648-BIT (33,554,432-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MH32D72AKLA-10 MITSUBISHI-MH32D72AKLA-10 Datasheet
327Kb / 38P
   2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH32D72AKLB-75 MITSUBISHI-MH32D72AKLB-75 Datasheet
358Kb / 40P
   2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH32D72KLH-75 MITSUBISHI-MH32D72KLH-75 Datasheet
342Kb / 39P
   2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH32S64APHB-6 MITSUBISHI-MH32S64APHB-6 Datasheet
699Kb / 55P
   2,147,483,648-BIT (33,554,432 - WORD BY 64-BIT)Synchronous DRAM
MH64D64AKQH-75 MITSUBISHI-MH64D64AKQH-75 Datasheet
362Kb / 40P
   4,294,967,296-BIT (67,108,864-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MH16D64AKQC-75 MITSUBISHI-MH16D64AKQC-75 Datasheet
329Kb / 37P
   1,073,741,824-BIT (16,777,216-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MH8D64AKQC-75 MITSUBISHI-MH8D64AKQC-75 Datasheet
340Kb / 40P
   536,870,912-BIT (8,388,608-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MH28D72KLG-75 MITSUBISHI-MH28D72KLG-75 Datasheet
337Kb / 39P
   9,663,676,416-BIT (134,217,728-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH16D72AKLB-10 MITSUBISHI-MH16D72AKLB-10 Datasheet
348Kb / 39P
   1,207.959,552-BIT (16,777,216-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz