Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAFRIN0437 Datasheet (PDF) - Tyco Electronics

MAFRIN0437 Datasheet PDF - Tyco Electronics
Part # MAFRIN0437
Download  MAFRIN0437 Download

File Size   196.72 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Ultra Low Loss Isolator 925 MHz - 960 MHz

MAFRIN0437 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAFRIN0437 Datasheet PDF - Tyco Electronics

Part # MAFRIN0437
Download  MAFRIN0437 Click to download

File Size   196.72 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Ultra Low Loss Isolator 925 MHz - 960 MHz

MAFRIN0437 Datasheet (HTML) - Tyco Electronics

MAFRIN0437 Datasheet HTML 1Page - Tyco Electronics MAFRIN0437 Datasheet HTML 2Page - Tyco Electronics MAFRIN0437 Datasheet HTML 3Page - Tyco Electronics



Similar Part No. - MAFRIN0437

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAFRIN0436 MACOM-MAFRIN0436 Datasheet
183Kb / 3P
   Ultra Low Loss Isolator 860 MHz - 894 MHz
More results


Similar Description - MAFRIN0437

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAFRIN0448 MACOM-MAFRIN0448 Datasheet
150Kb / 3P
   Ultra Low Loss Isolator 860 MHz - 960 MHz
logo
Molex Electronics Ltd.
735912102 MOLEX-735912102 Datasheet
304Kb / 1P
   SMSJ ISOLATOR/925~960 MHZ/CCW
2022/03/01
735912101 MOLEX-735912101 Datasheet
304Kb / 1P
   SMSJ ISOLATOR/925~960 MHZ/CW
2022/03/01
logo
M/A-COM Technology Solu...
MAFR-000054-GS1S1R MA-COM-MAFR-000054-GS1S1R Datasheet
93Kb / 2P
   Single Junction Robust Lead Isolator 925 MHz-960 MHz
logo
Tyco Electronics
FR11-0002 MACOM-FR11-0002 Datasheet
45Kb / 1P
   3- Port DROP - IN CIRCULATOR / ISOLATOR 925 - 960 MHz
MAFRIN0436 MACOM-MAFRIN0436 Datasheet
183Kb / 3P
   Ultra Low Loss Isolator 860 MHz - 894 MHz
logo
Hitachi Metals, Ltd
FSLC-S090M-P1 HITACHI-METALS-FSLC-S090M-P1 Datasheet
42Kb / 4P
   2012 Size 925/960 MHz
logo
WALSIN TECHNOLOGY CORPO...
RFBPF1109B801T WALSIN-RFBPF1109B801T Datasheet
596Kb / 7P
   925 ~ 960 MHz Working Frequency
logo
Tyco Electronics
MAMDCC0005 MACOM-MAMDCC0005 Datasheet
390Kb / 5P
   Vector Modulator, 925 to 960 MHz
MAMDCC0006 MACOM-MAMDCC0006 Datasheet
369Kb / 5P
   Vector Modulator, 925 to 960 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com