Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MACPCT0039 Datasheet (PDF) - Tyco Electronics

MACPCT0039 Datasheet PDF - Tyco Electronics
Part # MACPCT0039
Download  MACPCT0039 Download

File Size   72.53 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Broadband CATV, 10dB Coupler 5-1000 MHz

MACPCT0039 Datasheet (PDF)

Go To PDF Page Download Datasheet
MACPCT0039 Datasheet PDF - Tyco Electronics

Part # MACPCT0039
Download  MACPCT0039 Click to download

File Size   72.53 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Broadband CATV, 10dB Coupler 5-1000 MHz

MACPCT0039 Datasheet (HTML) - Tyco Electronics

MACPCT0039 Datasheet HTML 1Page - Tyco Electronics MACPCT0039 Datasheet HTML 2Page - Tyco Electronics MACPCT0039 Datasheet HTML 3Page - Tyco Electronics



Similar Part No. - MACPCT0039

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MACPCT0039 MA-COM-MACPCT0039 Datasheet
69Kb / 3P
   Broadband CATV, 10dB Coupler 5-1000 MHz
MACPCT0039 MA-COM-MACPCT0039 Datasheet
69Kb / 3P
   Broadband CATV, 10dB Coupler
MACPCT0039TR MA-COM-MACPCT0039TR Datasheet
69Kb / 3P
   Broadband CATV, 10dB Coupler 5-1000 MHz
MACPCT0039 MA-COM-MACPCT0039_15 Datasheet
69Kb / 3P
   Broadband CATV
More results


Similar Description - MACPCT0039

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MACPCT0039 MA-COM-MACPCT0039 Datasheet
69Kb / 3P
   Broadband CATV, 10dB Coupler 5-1000 MHz
MACPCT0039 MA-COM-MACPCT0039 Datasheet
69Kb / 3P
   Broadband CATV, 10dB Coupler
logo
Tyco Electronics
MAFLES0018 MACOM-MAFLES0018 Datasheet
142Kb / 4P
   Broadband CATV Diplexer 5 - 1000 MHz
MAFLCT0032 MACOM-MAFLCT0032 Datasheet
158Kb / 4P
   Broadband CATV Diplexer 5 - 1000 MHz
MACP-007727-CI07B0 MACOM-MACP-007727-CI07B0 Datasheet
75Kb / 3P
   Broadband CATV, 18dB Coupler 5-1200 MHz
logo
M/A-COM Technology Solu...
MACP-007727-CI07B0 MA-COM-MACP-007727-CI07B0 Datasheet
70Kb / 3P
   Broadband CATV, 18dB Coupler 5-1200 MHz
MACP-008125-CK07F0 MA-COM-MACP-008125-CK07F0 Datasheet
99Kb / 3P
   Broadband CATV, Coupler 5-1000MHz
logo
Tyco Electronics
MACP-008125-CK07F0 MACOM-MACP-008125-CK07F0 Datasheet
110Kb / 3P
   Broadband CATV, Coupler 5-1000MHz
MACPCT0040 MACOM-MACPCT0040 Datasheet
84Kb / 3P
   Broadband CATV, Coupler 5-1000MHz
logo
M/A-COM Technology Solu...
MACPCT0040 MA-COM-MACPCT0040 Datasheet
85Kb / 3P
   Broadband CATV, Coupler 5-1000MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com