Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MABA-007493-CF4160 Datasheet (PDF) - Tyco Electronics

MABA-007493-CF4160 Datasheet PDF - Tyco Electronics
Part No. MABA-007493-CF4160
Download  MABA-007493-CF4160 Click to view
File Size   93.51 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 4:1 Flux Coupled Step-up Transformer 1-350MHz

MABA-007493-CF4160 Datasheet (HTML) - Tyco Electronics

MABA-007493-CF4160 Datasheet HTML 1Page - Tyco Electronics MABA-007493-CF4160 Datasheet HTML 2Page - Tyco Electronics MABA-007493-CF4160 Datasheet HTML 3Page - Tyco Electronics

MABA-007493-CF4160 Datasheet (PDF)

Go To PDF Page Download Datasheet
MABA-007493-CF4160 Datasheet PDF - Tyco Electronics

Part No. MABA-007493-CF4160
Download  MABA-007493-CF4160 Click to view
File Size   93.51 Kbytes
Page   3 Pages
null  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 4:1 Flux Coupled Step-up Transformer 1-350MHz

Related Electronics Part Number

Part No. DescriptionHtml ViewManufacturer
ETC1-1T-13 RF 1:1 Flux Coupled Transformer 5.0 - 120 MHz 1  2  3  Tyco Electronics
ETC1-1T_1 E-Series RF 1:1 Flux Coupled Transformer 3 - 200 MHz 1  2  Tyco Electronics
MABACT0022 1:1 RF Flux Coupled Transformer 5 - 50 MHz 1  2  3  Tyco Electronics
ETC4-1-2_1 4:1 Step-up Transformer 2.0 - 800 MHz 1  2  Tyco Electronics
ETC4-1T-7_1 E-Series RF 1:4 Transmission Line Step-up Transformer 6 - 1000 MHz 1  2  Tyco Electronics
MABA-007488-CT9550 9:1 Transmission Line Step-up Transformer 5-220MHz 1  2  3  Tyco Electronics
SY58029U_07 ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION 1  2  3  4  5  More Micrel Semiconductor
IS204X LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS 1  2  3  ISOCOM COMPONENTS
PS2501-1X HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS 1  2  3  ISOCOM COMPONENTS
TC6133AF AREA IMAGE SENSOR CCD Charge Coupled Device 1  2  3  4  5  More Toshiba Semiconductor

Datasheet Page

1  2  3 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn