Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAPGM0076-DIE Datasheet (PDF) - Tyco Electronics

MAAPGM0076-DIE Datasheet PDF - Tyco Electronics
Part # MAAPGM0076-DIE
Download  MAAPGM0076-DIE Download

File Size   833.63 Kbytes
Page   7 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Amplifier, Power, 16W 1.3-2.5 GHz

MAAPGM0076-DIE Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAPGM0076-DIE Datasheet PDF - Tyco Electronics

Part # MAAPGM0076-DIE
Download  MAAPGM0076-DIE Click to download

File Size   833.63 Kbytes
Page   7 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Amplifier, Power, 16W 1.3-2.5 GHz

MAAPGM0076-DIE Datasheet (HTML) - Tyco Electronics

MAAPGM0076-DIE Datasheet HTML 1Page - Tyco Electronics MAAPGM0076-DIE Datasheet HTML 2Page - Tyco Electronics MAAPGM0076-DIE Datasheet HTML 3Page - Tyco Electronics MAAPGM0076-DIE Datasheet HTML 4Page - Tyco Electronics MAAPGM0076-DIE Datasheet HTML 5Page - Tyco Electronics MAAPGM0076-DIE Datasheet HTML 6Page - Tyco Electronics MAAPGM0076-DIE Datasheet HTML 7Page - Tyco Electronics

MAAPGM0076-DIE Product details

Description
The MAAP-000076-PKG001 is a 2-stage 16W power amplifier with on-chip bias networks in a 10 lead flange-mount ceramic package, allowing easy assembly. The package is hermetic and provides an excellent thermal path. This product is fully matched to 50 ohms on both the input and output. External DC blocking capacitors are not required since they are incorporated into the MMIC design. It can be used as a power amplifier stage or as a driver stage in high power applications.
Fabricated using M/A-COM’s repeatable, high performance and highly reliable GaAs Multifunction Self-Aligned Gate (MSAG™) Process, each device is 100% RF tested on wafer to ensure performance compliance.

Features
♦ 16 Watt Saturated Output Power Level
♦ Variable Drain Voltage (8-10V) Operation
♦ MSAG Process

Primary Applications
♦ Radio Communications
♦ SatCom




Similar Part No. - MAAPGM0076-DIE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0070 MACOM-MAAPGM0070 Datasheet
203Kb / 4P
   Amplifier, Power, 1.6W 10.0-13.25 GHz
MAAPGM0070 MACOM-MAAPGM0070 Datasheet
383Kb / 8P
   Variable Drain Voltage (4-10V) Operation
MAAPGM0070-DIE MACOM-MAAPGM0070-DIE Datasheet
383Kb / 8P
   Variable Drain Voltage (4-10V) Operation
MAAPGM0071 MACOM-MAAPGM0071 Datasheet
202Kb / 4P
   Amplifier, Power, 1.6W 12.75-15.35 GHz
MAAPGM0071-DIE MACOM-MAAPGM0071-DIE Datasheet
388Kb / 8P
   1.6 Watt Saturated Output Power Level
More results


Similar Description - MAAPGM0076-DIE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAP-000076-PKG001 MACOM-MAAP-000076-PKG001 Datasheet
189Kb / 5P
   Amplifier, Power, 16W 1.3-2.5 GHz
MAAP-000076-PED000 MACOM-MAAP-000076-PED000 Datasheet
415Kb / 8P
   Amplifier, Power, 16W 1.3-2.5 GHz
logo
ANADIGICS, Inc
RFSP2020 ANADIGICS-RFSP2020 Datasheet
79Kb / 4P
   2.4-2.5 GHz Power Amplifier
logo
List of Unclassifed Man...
AP1098 ETC-AP1098 Datasheet
104Kb / 5P
   2.4~2.5 GHz Power Amplifier
logo
ANADIGICS, Inc
RFSP2010 ANADIGICS-RFSP2010 Datasheet
75Kb / 4P
   2.4-2.5 GHz Power Amplifier
logo
List of Unclassifed Man...
AP1093 ETC1-AP1093 Datasheet
304Kb / 7P
   2.4~2.5 GHz Power Amplifier
AP1091 ETC-AP1091 Datasheet
246Kb / 7P
   2.4~2.5 GHz Power Amplifier
logo
Silicon Storage Technol...
SST12LP00 SST-SST12LP00 Datasheet
489Kb / 14P
   2.4-2.5 GHz Power Amplifier
logo
Tyco Electronics
MAAP-000066-PKG003 MACOM-MAAP-000066-PKG003 Datasheet
309Kb / 9P
   Amplifier, Power, 2.0W 2.5-5.0 GHz
logo
M/A-COM Technology Solu...
MAAPSS0081 MA-COM-MAAPSS0081 Datasheet
271Kb / 6P
   ISM Power Amplifier 2.4 - 2.5 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com