Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAPGM0063-DIE Datasheet (PDF) - Tyco Electronics

MAAPGM0063-DIE Datasheet PDF - Tyco Electronics
Part # MAAPGM0063-DIE
Download  MAAPGM0063-DIE Download

File Size   368.75 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 8.5-11.0 GHZ, 5W Power Amplifier

MAAPGM0063-DIE Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAPGM0063-DIE Datasheet PDF - Tyco Electronics

Part # MAAPGM0063-DIE
Download  MAAPGM0063-DIE Click to download

File Size   368.75 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 8.5-11.0 GHZ, 5W Power Amplifier

MAAPGM0063-DIE Datasheet (HTML) - Tyco Electronics

MAAPGM0063-DIE Datasheet HTML 1Page - Tyco Electronics MAAPGM0063-DIE Datasheet HTML 2Page - Tyco Electronics MAAPGM0063-DIE Datasheet HTML 3Page - Tyco Electronics MAAPGM0063-DIE Datasheet HTML 4Page - Tyco Electronics MAAPGM0063-DIE Datasheet HTML 5Page - Tyco Electronics



Similar Part No. - MAAPGM0063-DIE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0060 MACOM-MAAPGM0060 Datasheet
315Kb / 5P
   4.8-6.7 GHz 5W Power Amplifier
MAAPGM0060-DIE MACOM-MAAPGM0060-DIE Datasheet
358Kb / 5P
   Amplifier, Power, 5W 4.8-6.7 GHz
MAAPGM0062-DIE MACOM-MAAPGM0062-DIE Datasheet
569Kb / 5P
   9.5-12.0 GHZ, 4W Power Amplifier
MAAPGM0064 MACOM-MAAPGM0064 Datasheet
212Kb / 5P
   Amplifier, Power, 2.0 W 6.5-9.5 GHz
MAAPGM0064 MACOM-MAAPGM0064 Datasheet
152Kb / 4P
   Amplifier, Power, 2W 6.5-9.5 GHz
More results


Similar Description - MAAPGM0063-DIE

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1014 MIMIX-XP1014 Datasheet
165Kb / 5P
   8.5-11.0 GHz GaAs MMIC Power Amplifier
XP1006 MIMIX-XP1006 Datasheet
242Kb / 6P
   8.5-11.0 GHz GaAs MMIC Power Amplifier
XP1006-BD MIMIX-XP1006-BD Datasheet
225Kb / 8P
   8.5-11.0 GHz GaAs MMIC Power Amplifier
XP1014-BD MIMIX-XP1014-BD Datasheet
136Kb / 5P
   8.5-11.0 GHz GaAs MMIC Power Amplifier
XP1006-FA MIMIX-XP1006-FA_07 Datasheet
198Kb / 6P
   8.5-11.0 GHz GaAs Power Amplifier Flange, 10 pin
XP1006-FA MIMIX-XP1006-FA Datasheet
228Kb / 6P
   8.5-11.0 GHz GaAs Power Amplifier Flange, 10 pin
logo
Cree, Inc
CMPA801B025 CREE-CMPA801B025 Datasheet
2Mb / 14P
   25 W, 8.5 - 11.0 GHz, GaN MMIC, Power Amplifier
logo
HBH Microwave GmbH
HA6005 HBH-HA6005 Datasheet
12Kb / 1P
   9.0 - 11.0 GHz High Power Amplifier
logo
Qorvo, Inc
TGA2752-SM QORVO-TGA2752-SM Datasheet
902Kb / 15P
   7.1 ??8.5 GHz Power Amplifier
logo
Tyco Electronics
MAAPGM0040 MACOM-MAAPGM0040 Datasheet
215Kb / 6P
   11.0-15.0 GHz 0.5 W Power Amplifier
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com