Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAMGM0002-DIE Datasheet (PDF) - Tyco Electronics

MAAMGM0002-DIE Datasheet PDF - Tyco Electronics
Part # MAAMGM0002-DIE
Download  MAAMGM0002-DIE Download
File Size   185.55 Kbytes
Page   6 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Amplifier, Distributed, 0.1W 1.0-18.0 GHz

MAAMGM0002-DIE Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAMGM0002-DIE Datasheet PDF - Tyco Electronics

Part # MAAMGM0002-DIE
Download  MAAMGM0002-DIE Click to download

File Size   185.55 Kbytes
Page   6 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Amplifier, Distributed, 0.1W 1.0-18.0 GHz

MAAMGM0002-DIE Datasheet (HTML) - Tyco Electronics




Similar Part No. - MAAMGM0002-DIE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMGM0002 MACOM-MAAMGM0002 Datasheet
262Kb / 5P
Amplifier, Distributed, 0.1W 1.0-18.0 GHz
More results


Similar Description - MAAMGM0002-DIE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMGM0002 MACOM-MAAMGM0002 Datasheet
262Kb / 5P
Amplifier, Distributed, 0.1W 1.0-18.0 GHz
MAAPGM0052-DIE MACOM-MAAPGM0052-DIE Datasheet
335Kb / 6P
Amplifier, Distributed Power 4.0-18.0 GHz
logo
Mimix Broadband
XD1001-BD MIMIX-XD1001-BD Datasheet
259Kb / 6P
18.0-50.0 GHz GaAs MMIC Distributed Amplifier
XD1001 MIMIX-XD1001 Datasheet
341Kb / 6P
18.0-50.0 GHz GaAs MMIC Distributed Amplifier
logo
Tyco Electronics
MAAPGM0053-DIE MACOM-MAAPGM0053-DIE Datasheet
339Kb / 5P
Amplifier, Distributed Power, 0.5 W 2.0-18.0 GHz
MAAMGM0003-DIE MACOM-MAAMGM0003-DIE Datasheet
269Kb / 7P
0.4W Variable Distributed Amplifier 1.0 - 15.0 GHz
MAAMGM0007-DIE MACOM-MAAMGM0007-DIE Datasheet
319Kb / 6P
2.0-18.0 GHz Distributed Amp/Gain Block
logo
Qorvo, Inc
CMD240P4 QORVO-CMD240P4 Datasheet
268Kb / 10P
DC-22 GHz Distributed Amplifier
CMD284P4 QORVO-CMD284P4_V01 Datasheet
445Kb / 14P
DC-22 GHz Distributed Amplifier
December 6, 2021
logo
Custom MMIC Design Serv...
CMD241P4 MMIC-CMD241P4 Datasheet
269Kb / 10P
2-22 GHz Distributed Amplifier
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com