Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10C0.5HH-010100M Datasheet (PDF) - Belden Inc.

10C0.5HH-010100M Datasheet PDF - Belden Inc.
Part # 10C0.5HH-010100M
Download  10C0.5HH-010100M Download
File Size   158.02 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™ LiHH, 10 C 0.5mm² Str BC, PE Ins, LSZH Jkt

10C0.5HH-010100M Datasheet (PDF)

Go To PDF Page Download Datasheet
10C0.5HH-010100M Datasheet PDF - Belden Inc.

Part # 10C0.5HH-010100M
Download  10C0.5HH-010100M Click to download

File Size   158.02 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™ LiHH, 10 C 0.5mm² Str BC, PE Ins, LSZH Jkt

10C0.5HH-010100M Datasheet (HTML) - Belden Inc.


10C0.5HH-010100M Product details

Product Description
MachFlex™ LiHH LSZH Control & Signal Cables, 10 Conductor 0.5mm² Stranded Bare Copper, Polyethylene Insulation, LSZH Jacket




Similar Part No. - 10C0.5HH-010100M

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
10C0.5YY BELDEN-10C0.5YY Datasheet
155Kb / 2P
MachFlex™ LiYY, 10 C 0.5mm² Str BC, PVC Ins, PVC Jkt
11-28-2023
10C0.5YY-006100M BELDEN-10C0.5YY-006100M Datasheet
155Kb / 2P
MachFlex™ LiYY, 10 C 0.5mm² Str BC, PVC Ins, PVC Jkt
11-28-2023
10C0.5YY-006200M BELDEN-10C0.5YY-006200M Datasheet
155Kb / 2P
MachFlex™ LiYY, 10 C 0.5mm² Str BC, PVC Ins, PVC Jkt
11-28-2023
10C0.5YY-006300M BELDEN-10C0.5YY-006300M Datasheet
155Kb / 2P
MachFlex™ LiYY, 10 C 0.5mm² Str BC, PVC Ins, PVC Jkt
11-28-2023
10C0.5YY-010100M BELDEN-10C0.5YY-010100M Datasheet
155Kb / 2P
MachFlex™ LiYY, 10 C 0.5mm² Str BC, PVC Ins, PVC Jkt
11-28-2023
More results


Similar Description - 10C0.5HH-010100M

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7201A BELDEN-7201A Datasheet
238Kb / 3P
MachFlex?? 2 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
8471ELV BELDEN-8471ELV Datasheet
152Kb / 3P
Electronic, 2 C #16 Str TC, PE Ins, LSZH Jkt, B2ca
11-09-2022
8471ELW BELDEN-8471ELW Datasheet
152Kb / 3P
Electronic, 2 C #16 Str TC, PE Ins, LSZH Jkt, Cca
11-09-2022
8471NH BELDEN-8471NH Datasheet
151Kb / 2P
Electronic, 2 C #16 Str TC, LSZH Ins, LSZH Jkt
03-04-2023
8719NH BELDEN-8719NH Datasheet
165Kb / 2P
Electronic, 2 C #16 Str TC, PE Ins, OS, LSZH Jkt, Dca
03-04-2023
8760ELV BELDEN-8760ELV Datasheet
147Kb / 2P
Electronic, 2 C #18 Str TC, PE Ins, OS, LSZH Jkt B2ca
03-06-2023
8760ELW BELDEN-8760ELW Datasheet
152Kb / 2P
Electronic, 2 C #18 Str TC, PE Ins, OS, LSZH Jkt, Cca
03-06-2023
8760NH BELDEN-8760NH Datasheet
153Kb / 2P
Electronic, 2 C #18 Str TC, PE Ins, OS, LSZH Jkt
03-04-2023
8761NH BELDEN-8761NH Datasheet
147Kb / 2P
Electronic, 2 C #22 Str TC, PE ins, OS, LSZH Jkt, 300V, Dca
03-04-2023
8678 BELDEN-8678 Datasheet
153Kb / 2P
Electronic, 2 C #10 Str BC, PVC Ins, PVC Jkt
05-05-2023
8484 BELDEN-8484 Datasheet
144Kb / 2P
Electronic, 4 C #20 Str BC, PVC Ins, PVC Jkt
05-05-2023
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com