Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JH-139 Datasheet (PDF) - Tyco Electronics

JH-139 Datasheet PDF - Tyco Electronics
Part # JH-139
Download  JH-139 Download

File Size   138.67 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Quadrature Hybrid, 250 - 500 MHz

JH-139 Datasheet (PDF)

Go To PDF Page Download Datasheet
JH-139 Datasheet PDF - Tyco Electronics

Part # JH-139
Download  JH-139 Click to download

File Size   138.67 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Quadrature Hybrid, 250 - 500 MHz

JH-139 Datasheet (HTML) - Tyco Electronics

JH-139 Datasheet HTML 1Page - Tyco Electronics JH-139 Datasheet HTML 2Page - Tyco Electronics JH-139 Datasheet HTML 3Page - Tyco Electronics



Similar Part No. - JH-139

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
JH-139 MA-COM-JH-139 Datasheet
94Kb / 3P
   Quadrature Hybrid, 250 - 500 MHz
logo
Tyco Electronics
JH-139PIN MACOM-JH-139PIN Datasheet
95Kb / 2P
   Quadrature Hybrid 250 - 500 MHz
logo
M/A-COM Technology Solu...
JH-139PIN MA-COM-JH-139PIN Datasheet
94Kb / 3P
   Quadrature Hybrid, 250 - 500 MHz
More results


Similar Description - JH-139

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
JHS-139 MACOM-JHS-139 Datasheet
95Kb / 2P
   Quadrature Hybrid 250 - 500 MHz
logo
M/A-COM Technology Solu...
JH-139 MA-COM-JH-139 Datasheet
94Kb / 3P
   Quadrature Hybrid, 250 - 500 MHz
logo
Tyco Electronics
JH-140 MACOM-JH-140 Datasheet
122Kb / 2P
   High-Frequency Quadrature Hybrid 500 - 1000 MHz
JH-140 MACOM-JH-140_1 Datasheet
127Kb / 2P
   High Frequency Quadrature Hybrid, 500 - 1000 MHz
logo
M/A-COM Technology Solu...
JH-140 MA-COM-JH-140 Datasheet
68Kb / 2P
   High Frequency Quadrature Hybrid, 500 - 1000 MHz
logo
Analog Devices
AD8345 AD-AD8345 Datasheet
372Kb / 16P
   250 MHz.1000 MHz Quadrature Modulator
REV. 0
logo
Tyco Electronics
JH-10-4 MACOM-JH-10-4 Datasheet
81Kb / 2P
   Quadrature Hybrid 20 - 140 MHz
JHS-119 MACOM-JHS-119 Datasheet
78Kb / 2P
   Quadrature Hybrid 80 - 160 MHz
JH-114 MACOM-JH-114 Datasheet
172Kb / 2P
   Quadrature Hybrid, 20 - 40 MHz
JH-119 MACOM-JH-119 Datasheet
172Kb / 2P
   Quadrature Hybrid, 80 - 160 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com