Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MH16V644AWJ-5 Datasheet (PDF) - Mitsubishi Electric Semiconductor

MH16V644AWJ-5 Datasheet PDF - Mitsubishi Electric Semiconductor
Part No. MH16V644AWJ-5
Download  MH16V644AWJ-5 Click to view

File Size   186.78 Kbytes
Page   20 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description FAST PAGE MODE 1073741824 - BIT ( 16777216 - WORD BY 64 - BIT ) DYNAMIC RAM

MH16V644AWJ-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
MH16V644AWJ-5 Datasheet PDF - Mitsubishi Electric Semiconductor

Part No. MH16V644AWJ-5
Download  MH16V644AWJ-5 Click to view

File Size   186.78 Kbytes
Page   20 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description FAST PAGE MODE 1073741824 - BIT ( 16777216 - WORD BY 64 - BIT ) DYNAMIC RAM

MH16V644AWJ-5 Datasheet (HTML) - Mitsubishi Electric Semiconductor

Back Button MH16V644AWJ-5 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH16V644AWJ-5 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH16V644AWJ-5 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH16V644AWJ-5 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH16V644AWJ-5 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH16V644AWJ-5 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH16V644AWJ-5 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH16V644AWJ-5 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH16V644AWJ-5 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MH16V644AWJ-5 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button 

MH16V644AWJ-5 Product details

DESCRIPTION
The MH16V644AWJ is 16777216-word x 64-bit dynamic ram module. This consist of sixteen industry standard 16M x 4 dynamic RAMs in SOJ and one industry standard EEPROM in TSSOP.
The mounting of SOJs and TSSOP on a card edge dual in-line package provides any application where high densities and large of quantities memory are required.
This is a socket-type memory module ,suitable for easy interchange or addition of module.

FEATURES
• Utilizes industry standard 16M x 4 RAMs in SOJ and industry standard EEPROM in TSSOP
• 168-pin (84-pin dual dual in-line package)
• Single +3.3V(±0.3V) supply operation
• Low stand-by power dissipation
   17.28mW(Max) . . . . . . . . . . . . . . . . . . . LVCMOS input level
• Low operation power dissipation
   MH16V64AWJ -5 . . . . . . . . . . . . . . . . . . 7.49W(Max)
   MH16V64AWJ -6 . . . . . . . . . . . . . . . . . . 6.92W(Max)
• All input are directly LVTTL compatible
• All output are three-state and directly LVTTL compatible
• Includes(0.22uF x 16) decoupling capacitors
• 4096 refresh cycle every 64ms
• Fast-page mode,Read-modify-write, /CAS before /RAS refresh,Hidden refresh capabilities
• Gold plating contact pads


APPLICATION
   Main memory unit for computers , Microcomputer memory



Similar Part No. - MH16V644AWJ-5

ManufacturerPart No.DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
MH16V6445BWJ-5 MITSUBISHI-MH16V6445BWJ-5 Datasheet
127Kb / 22P
   HYPER PAGE MODE 1073741824 - BIT ( 16777216 - WORD BY 64 - BIT ) DYNAMIC RAM
MH16V6445BWJ-6 MITSUBISHI-MH16V6445BWJ-6 Datasheet
127Kb / 22P
   HYPER PAGE MODE 1073741824 - BIT ( 16777216 - WORD BY 64 - BIT ) DYNAMIC RAM
More results

Similar Description - MH16V644AWJ-5

ManufacturerPart No.DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
MH16V64AWJ-5 MITSUBISHI-MH16V64AWJ-5 Datasheet
186Kb / 20P
   FAST PAGE MODE 1073741824 - BIT ( 16777216 - WORD BY 64 - BIT ) DYNAMIC RAM
MH16V6445BWJ-5 MITSUBISHI-MH16V6445BWJ-5 Datasheet
127Kb / 22P
   HYPER PAGE MODE 1073741824 - BIT ( 16777216 - WORD BY 64 - BIT ) DYNAMIC RAM
MH16V645BWJ-5 MITSUBISHI-MH16V645BWJ-5 Datasheet
127Kb / 22P
   HYPER PAGE MODE 1073741824 - BIT ( 16777216 - WORD BY 64 - BIT ) DYNAMIC RAM
MH16S64AMA-8 MITSUBISHI-MH16S64AMA-8 Datasheet
1Mb / 52P
   1073741824-BIT (16777216 - WORD BY 64-BIT)SynchronousDRAM
MH16S64BAMD-7 MITSUBISHI-MH16S64BAMD-7 Datasheet
591Kb / 55P
   1073741824-BIT (16777216 - WORD BY 64-BIT)SynchronousDRAM
MH16S64PHB-7 MITSUBISHI-MH16S64PHB-7 Datasheet
589Kb / 55P
   1073741824-BIT (16777216 - WORD BY 64-BIT)SynchronousDRAM
MH16V72AWJ-5 MITSUBISHI-MH16V72AWJ-5 Datasheet
195Kb / 20P
   FAST PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
M5M417400CJ MITSUBISHI-M5M417400CJ Datasheet
514Kb / 22P
   FAST PAGE MODE 16777216-BIT (4194304-WORD BY 4-BIT) DYNAMIC RAM
MH16S64FFB-10 MITSUBISHI-MH16S64FFB-10 Datasheet
580Kb / 55P
   1073741824-BIT (16777216 - WORD BY 64-BIT)SynchronousDRAM
M5M467400DTP-5 MITSUBISHI-M5M467400DTP-5 Datasheet
246Kb / 37P
   FAST PAGE MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz