Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT4644IHS-T1 Datasheet (PDF) - Skyworks Solutions Inc.

AAT4644IHS-T1 Datasheet PDF - Skyworks Solutions Inc.
Part # AAT4644IHS-T1
Download  AAT4644IHS-T1 Download

File Size   423.91 Kbytes
Page   9 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 4-Channel Current Limited Load Switch

AAT4644IHS-T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT4644IHS-T1 Datasheet PDF - Skyworks Solutions Inc.

Part # AAT4644IHS-T1
Download  AAT4644IHS-T1 Click to download

File Size   423.91 Kbytes
Page   9 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 4-Channel Current Limited Load Switch

AAT4644IHS-T1 Datasheet (HTML) - Skyworks Solutions Inc.


AAT4644IHS-T1 Product details

Features
• 500mA per Channel Steady State
• 4 x 1A Current Limit Trip Point
• Over-Temperature Protection
• Fast Transient Response:
▪ 1μs (Typ) Response to Short Circuit
• 100m Typical RDS(ON)
• Under-Voltage Lockout
• Temperature Range: -40°C to +85°C
• 8-Pin TSSOP or SOP Package




Similar Part No. - AAT4644IHS-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4644IHS-T1 ANALOGICTECH-AAT4644IHS-T1 Datasheet
277Kb / 8P
   4-Channel Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4644IHS-T1 AAT-AAT4644IHS-T1 Datasheet
253Kb / 8P
   4-Channel Current Limited Load Switch
logo
Advanced Analogic Techn...
AAT4644IHS-T1 ANALOGICTECH-AAT4644IHS-T1 Datasheet
253Kb / 8P
   4-Channel Current Limited Load Switch
More results


Similar Description - AAT4644IHS-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4644 AAT-AAT4644 Datasheet
253Kb / 8P
   4-Channel Current Limited Load Switch
logo
Advanced Analogic Techn...
AAT4644 ANALOGICTECH-AAT4644 Datasheet
277Kb / 8P
   4-Channel Current Limited Load Switch
AAT4644 ANALOGICTECH-AAT4644_06 Datasheet
253Kb / 8P
   4-Channel Current Limited Load Switch
logo
Eutech Microelectronics...
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5255 GMT-G5255 Datasheet
75Kb / 1P
   Current Limited Load Switch
G527 GMT-G527 Datasheet
110Kb / 1P
   Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4618 AAT-AAT4618 Datasheet
251Kb / 11P
   Current Limited Load Switch
logo
Advanced Analogic Techn...
AAT4612 ANALOGICTECH-AAT4612 Datasheet
670Kb / 10P
   Current Limited Load Switch
AAT4618 ANALOGICTECH-AAT4618 Datasheet
225Kb / 10P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5254 GMT-G5254 Datasheet
73Kb / 1P
   Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4610 AAT-AAT4610 Datasheet
252Kb / 10P
   Current Limited Load Switch
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com