Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUMI6060PRO Datasheet (PDF) - ML Accessories Limited. All rights reserved.

LUMI6060PRO Datasheet PDF - ML Accessories Limited.  All rights reserved.
Part # LUMI6060PRO
Download  LUMI6060PRO Download
File Size   171.67 Kbytes
Page   2 Pages
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.
Description 230V IP40 600 x 600mm CCT 30W LED Backlit Panel

LUMI6060PRO Datasheet (PDF)

Go To PDF Page Download Datasheet
LUMI6060PRO Datasheet PDF - ML Accessories Limited.  All rights reserved.

Part # LUMI6060PRO
Download  LUMI6060PRO Click to download

File Size   171.67 Kbytes
Page   2 Pages
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.
Description 230V IP40 600 x 600mm CCT 30W LED Backlit Panel

LUMI6060PRO Datasheet (HTML) - ML Accessories Limited. All rights reserved.


LUMI6060PRO Product details

DESCRIPTION 230V IP40 600 x 600mm CCT 30W LED Backlit Panel




Similar Part No. - LUMI6060PRO

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
LUMI6060PROAD KNIGHTSBRIDGE-LUMI6060PROAD Datasheet
172Kb / 2P
230V IP40 600 x 600mm CCT 30W LED 0-10V Dimmable Backlit Panel
07/05/2024
More results


Similar Description - LUMI6060PRO

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
ACD-2238 ACIPOWER-ACD-2238 Datasheet
279Kb / 2P
XGA LED BACKLIT TFT DISPLAY
ACD-2283 ACIPOWER-ACD-2283 Datasheet
277Kb / 2P
SXGA LED BACKLIT TFT DISPLAY
logo
Tripp Lite. All Rights ...
APSX750 TRIPPLITE-APSX750 Datasheet
515Kb / 4P
PowerVerter APS X 750W 12VDC 230V
logo
LinkCom Manufacturing C...
30-LCVE LINKCOM-30-LCVE Datasheet
486Kb / 3P
30W LED Power Supply
logo
Luminus, Inc
CTM-9-4018-90-36-TW01 LUMINUS-CTM-9-4018-90-36-TW01 Datasheet
1Mb / 10P
CCT Tunable LED Spot Modules
logo
Shanghai Cyanlite Techn...
PB40W060E-N1 CYANLITE-PB40W060E-N1 Datasheet
1Mb / 6P
Novelty LED Backlit Panel Lights NOVA Series forT15/T24 Lay-On Ceilings
logo
WAGO Kontakttechnik Gmb...
762-1121 WAGO-762-1121 Datasheet
234Kb / 4P
Web Panel; 30.7 cm (12.1"); 800 x 600 pixels
logo
Schneider Electric
XB4FVCUST01 SCHNEIDER-XB4FVCUST01 Datasheet
92Kb / 1P
FLUSH PL WH LED 230V
XB7EV05MP SCHNEIDER-XB7EV05MP Datasheet
131Kb / 5P
PILOT LIGHT - LED - Yellow - 230v
Aug 10, 2019
logo
C&K Components
APB CK-COMPONENTS-APB_V01 Datasheet
540Kb / 4P
Backlit Pushbutton Switch
28 Jul 21
logo
Seoul Semiconductor
SMJR-N-2-XX SEOUL-SMJR-N-2-XX Datasheet
1Mb / 30P
16W & 24W 230V LED Driver
Rev2.1, Sep 28, 2017
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com