Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUMI6060 Datasheet (PDF) - ML Accessories Limited. All rights reserved.

LUMI6060 Datasheet PDF - ML Accessories Limited.  All rights reserved.
Part # LUMI6060
Download  LUMI6060 Download
File Size   169.06 Kbytes
Page   2 Pages
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.
Description 230V IP40 600mm x 600mm 4000K 30W LED Backlit Panel

LUMI6060 Datasheet (PDF)

Go To PDF Page Download Datasheet
LUMI6060 Datasheet PDF - ML Accessories Limited.  All rights reserved.

Part # LUMI6060
Download  LUMI6060 Click to download

File Size   169.06 Kbytes
Page   2 Pages
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.
Description 230V IP40 600mm x 600mm 4000K 30W LED Backlit Panel

LUMI6060 Datasheet (HTML) - ML Accessories Limited. All rights reserved.


LUMI6060 Product details

DESCRIPTION 230V IP40 600mm x 600mm 4000K 30W LED Backlit Panel




Similar Part No. - LUMI6060

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
LUMI6060PRO KNIGHTSBRIDGE-LUMI6060PRO Datasheet
171Kb / 2P
230V IP40 600 x 600mm CCT 30W LED Backlit Panel
07/05/2024
LUMI6060PROAD KNIGHTSBRIDGE-LUMI6060PROAD Datasheet
172Kb / 2P
230V IP40 600 x 600mm CCT 30W LED 0-10V Dimmable Backlit Panel
07/05/2024
More results


Similar Description - LUMI6060

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
AR3100 SCHNEIDER-AR3100 Datasheet
101Kb / 2P
NetShelter SX 42U 600mm Wide x 1070mm Deep Enclosure with Sides Black
AR3105 SCHNEIDER-AR3105 Datasheet
91Kb / 2P
NetShelter SX 45U 600mm Wide x 1070mm Deep Enclosure with Sides Black
logo
Molex Electronics Ltd.
151330306 MOLEX-151330306 Datasheet
152Kb / 1P
Pico-Clasp 3 Circuit 600MM
2016/12/05
151330606 MOLEX-151330606 Datasheet
155Kb / 1P
Pico-Clasp 6 Circuit 600MM
2016/12/05
2166201033 MOLEX-2166201033 Datasheet
328Kb / 1P
SQUBA3.6 R-R 3CKT 600MM Sn
2020/07/08
151370206 MOLEX-151370206 Datasheet
127Kb / 1P
Mini-Lock 2 Circuit 600MM
2018/11/22
2166211023 MOLEX-2166211023 Datasheet
323Kb / 1P
SQUBA3.6 R-S 2CKT 600MM Sn
2020/07/21
2166221033 MOLEX-2166221033 Datasheet
365Kb / 1P
SQUBA3.6 P-P 3CKT 600MM Sn
2020/07/08
2196581124 MOLEX-2196581124 Datasheet
321Kb / 1P
CGRID Il R-R 12ckt 600mm disc Sn
2022/01/13
2147551083 MOLEX-2147551083 Datasheet
602Kb / 1P
MICRO-FIT3.0 R-R 8 CIRCUIT 600MM Sn
2020/01/18
2147561083 MOLEX-2147561083 Datasheet
609Kb / 1P
MICRO-FIT3.0 R-S 8 CIRCUIT 600MM Sn
2020/01/18
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com