Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100002004 Datasheet (PDF) - Turck, Inc.

100002004 Datasheet PDF - Turck, Inc.
Part # 100002004
Download  100002004 Download
File Size   97.12 Kbytes
Page   4 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Pressure TransmitterRatiometric Output (3-Wire)

100002004 Datasheet (PDF)

Go To PDF Page Download Datasheet
100002004 Datasheet PDF - Turck, Inc.

Part # 100002004
Download  100002004 Click to download

File Size   97.12 Kbytes
Page   4 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Pressure TransmitterRatiometric Output (3-Wire)

100002004 Datasheet (HTML) - Turck, Inc.


100002004 Product details

Features
■For mobile hydraulic applications
■Fully welded metal measuring cell
■Sealless
■With pressure tip orifice
■Compact and robust design
■Excellent EMC properties
■Excellent accuracy and long-term stability
■Kfz-Norm ISO 16750
■Pressure range 0…7500 psi rel.
■5 VDC ± 10 %
■Ratiometric output 10…90 %
■Process connection 7/16" UNF (SAE) male
thread
■Plug-in device, Deutsch DT04-3P

Functional principle
The pressure sensors in the PT…‐2100
product series are designed specifically for
demanding mobile hydraulic applications.
They operate with a fully welded metal
measuring cell in different pressure ranges of
up to 0…600 bar in 2- or 3-wire technology.
Depending on the sensor variant, the
processed signal is available as an analog
output (4…20 mA, 0…10 V, 0…5 V,
ratiometric).
A wide range of process connections and
electrical connections offer a high degree of
flexibility in many different applications.




Similar Part No. - 100002004

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10000200 ETC2-10000200 Datasheet
2Mb / 164P
Let RoseBopla be your partner for standard or customized enclosures.
1000020000 ETC2-1000020000 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
logo
Turck, Inc.
100002006 TURCK-100002006 Datasheet
93Kb / 4P
Pressure Transmitter – With Current Output (2-Wire)
11/08/2023
100002007 TURCK-100002007 Datasheet
94Kb / 4P
Pressure Transmitter – With Current Output (2-Wire)
11/08/2023
100002008 TURCK-100002008 Datasheet
93Kb / 4P
Pressure Transmitter – With Current Output (2-Wire)
11/08/2023
More results


Similar Description - 100002004

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AM417 AME-AM417 Datasheet
77Kb / 6P
RATIOMETRIC VOLTAGE TRANSMITTER
logo
WOLFSPEED, INC.
AMS6916 WOLFSPEED-AMS6916 Datasheet
902Kb / 9P
Board mount pressure sensor with ratiometric analog output
April 2019 Rev. 1.0
logo
TE Connectivity Ltd
MS4525 TEC-MS4525 Datasheet
412Kb / 15P
Amplified Ratiometric Analog Output
logo
Festo Corporation.
571476 FESTO-571476 Datasheet
92Kb / 2P
Pressure transmitter
571488 FESTO-571488 Datasheet
82Kb / 2P
Pressure transmitter
8000102 FESTO-8000102 Datasheet
94Kb / 2P
Pressure transmitter
8025976 FESTO-8025976 Datasheet
76Kb / 2P
Pressure transmitter
571472 FESTO-571472 Datasheet
92Kb / 2P
Pressure transmitter
571482 FESTO-571482 Datasheet
92Kb / 2P
Pressure transmitter
571483 FESTO-571483 Datasheet
82Kb / 2P
Pressure transmitter
8000101 FESTO-8000101 Datasheet
94Kb / 2P
Pressure transmitter
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com