Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1590871 Datasheet (PDF) - Turck, Inc.

1590871 Datasheet PDF - Turck, Inc.
Part # 1590871
Download  1590871 Download
File Size   548.67 Kbytes
Page   4 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inductive Angle SensorWith Analog Output Premium Line

1590871 Datasheet (PDF)

Go To PDF Page Download Datasheet
1590871 Datasheet PDF - Turck, Inc.

Part # 1590871
Download  1590871 Click to download

File Size   548.67 Kbytes
Page   4 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inductive Angle SensorWith Analog Output Premium Line

1590871 Datasheet (HTML) - Turck, Inc.


1590871 Product details

Features
■Rectangular, plastic
■Compact, rugged housing
■Many mounting possibilities
■Measuring range displayed via LED
■Immune to electromagnetic interference
■Resolution, 12-bit
■Output signal returns to 0 V or rather 4 mA,
provided the positioning element is outside
the measuring range.
■15…30 VDC
■Analog output
■Programmable measuring range
■0…10 V and 4…20 mA
■Cable with male connector, M12 × 1
Functional principle
The measuring principle of inductive angle
sensors is based on oscillation circuit coupling
between the positioning element and the
sensor, whereby an output signal is provided
proportional to the angle of the positioning
element. The rugged sensors are wear and
maintenance-free, thanks to the contactless
operating principle. They convince through
their excellent repeatability, resolution and
linearity within a broad temperature range. The
innovative technology ensures a high immunity
to electromagnetic DC and AC fields.




Similar Part No. - 1590871

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
1590873 TURCK-1590873 Datasheet
550Kb / 5P
Inductive Angle Sensor – With Analog Output Premium Line
11/07/2023
1590873 TURCK-1590873 Datasheet
539Kb / 4P
Inductive Angle Sensor – With Analog Output For Use in Vehicle Board Nets Premium Line
11/07/2023
1590873 TURCK-1590873 Datasheet
514Kb / 5P
Inductive Angle Sensor – With Analog Output Premium Line
11/07/2023
1590873 TURCK-1590873 Datasheet
550Kb / 5P
Inductive Angle Sensor – With Analog Output Premium Line
11/07/2023
1590873 TURCK-1590873 Datasheet
514Kb / 5P
Inductive Angle Sensor – With Analog Output Premium Line
11/07/2023
More results


Similar Description - 1590871

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
AWS ASM-SENSOR-AWS Datasheet
167Kb / 5P
Angle sensor with analog output
PRAS27 ASM-SENSOR-PRAS27 Datasheet
648Kb / 10P
Magnetic Angle Sensor with Analog Output
PRAS2EX ASM-SENSOR-PRAS2EX Datasheet
708Kb / 8P
Magnetic Angle Sensor with Analog Output
PRAS3EX ASM-SENSOR-PRAS3EX Datasheet
719Kb / 8P
Magnetic Angle Sensor with Analog Output
PRAS5 ASM-SENSOR-PRAS5 Datasheet
767Kb / 16P
Magnetic Angle Sensor with Analog Output
PRAS5EX ASM-SENSOR-PRAS5EX Datasheet
561Kb / 8P
Magnetic Angle Sensor with Analog Output
PRAS26 ASM-SENSOR-PRAS26 Datasheet
849Kb / 7P
Magnetic Angle Sensor with Analog Output
logo
Pepperl+Fuchs Inc.
IA6-12GM50-IU-V1 PF-IA6-12GM50-IU-V1 Datasheet
286Kb / 2P
Inductive analog sensor
924AB3HM-L2P PF-924AB3HM-L2P Datasheet
128Kb / 1P
Inductive analog sensor
3RG4612-0NB00-PF PF-3RG4612-0NB00-PF Datasheet
233Kb / 2P
Inductive analog sensor
NBN15-30GM60-I3-5M PF-NBN15-30GM60-I3-5M Datasheet
795Kb / 2P
Inductive analog sensor
2022-06-30
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com