Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1590873 Datasheet (PDF) - Turck, Inc.

1590873 Datasheet PDF - Turck, Inc.
Part # 1590873
Download  1590873 Download
File Size   539.3 Kbytes
Page   4 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inductive Angle SensorWith Analog Output For Use in Vehicle Board Nets Premium Line

1590873 Datasheet (PDF)

Go To PDF Page Download Datasheet
1590873 Datasheet PDF - Turck, Inc.

Part # 1590873
Download  1590873 Click to download

File Size   539.3 Kbytes
Page   4 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inductive Angle SensorWith Analog Output For Use in Vehicle Board Nets Premium Line

1590873 Datasheet (HTML) - Turck, Inc.


1590873 Product details

Features
■Rectangular, plastic
■Many mounting possibilities
■P2-Ri-QR14 included in delivery
■For vehicle board nets, 12 V and 24 V
■Increased interference immunity 30V/m
following the e1 type approval
■Immune to conducted interference acc. to
DIN ISO 7637-2 (SAE J 113-11)
■Extended temperature range
■High protection class IP68/IP69K
■Protection against salt spray and rapid
temperature change
■Measuring range displayed via LED
■Immune to electromagnetic interference
■Resolution, 12-bit
■3‐wire, 8…30 VDC
■Analog output
■Programmable measuring range
■0.5…4.5 V
■Cable connection
Functional principle
Highest reliability even under the most extreme
conditions - this is guaranteed by our sensors
for mobile applications. Our inductive sensors
for extremely hostile industrial environments not
only meet, but even exceed the requirements of
the protection classes IP68 and IP69K.
Thanks to their excellent resistance to constant
vibration and shock, they are the optimum
choice for road construction and agricultural
machinery.




Similar Part No. - 1590873

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
1590873 TURCK-1590873 Datasheet
548Kb / 4P
Inductive Angle Sensor – With Analog Output Premium Line
11/07/2023
1590873 TURCK-1590873 Datasheet
550Kb / 5P
Inductive Angle Sensor – With Analog Output Premium Line
11/07/2023
1590873 TURCK-1590873 Datasheet
514Kb / 5P
Inductive Angle Sensor – With Analog Output Premium Line
11/07/2023
1590873 TURCK-1590873 Datasheet
550Kb / 5P
Inductive Angle Sensor – With Analog Output Premium Line
11/07/2023
1590873 TURCK-1590873 Datasheet
514Kb / 5P
Inductive Angle Sensor – With Analog Output Premium Line
11/07/2023
More results


Similar Description - 1590873

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
AWS ASM-SENSOR-AWS Datasheet
167Kb / 5P
Angle sensor with analog output
logo
Advantech Co., Ltd.
TREK-668-HWB7A1E ADVANTECH-TREK-668-HWB7A1E Datasheet
1Mb / 2P
Premium In-vehicle Computing Box for Surveillance & Fleet Management
TREK-688-7LWB7PA0E ADVANTECH-TREK-688-7LWB7PA0E Datasheet
855Kb / 2P
Premium In-vehicle Computing Box for Surveillance & Fleet Management
logo
ASM GmbH
PRAS27 ASM-SENSOR-PRAS27 Datasheet
648Kb / 10P
Magnetic Angle Sensor with Analog Output
PRAS2EX ASM-SENSOR-PRAS2EX Datasheet
708Kb / 8P
Magnetic Angle Sensor with Analog Output
PRAS3EX ASM-SENSOR-PRAS3EX Datasheet
719Kb / 8P
Magnetic Angle Sensor with Analog Output
PRAS5 ASM-SENSOR-PRAS5 Datasheet
767Kb / 16P
Magnetic Angle Sensor with Analog Output
PRAS5EX ASM-SENSOR-PRAS5EX Datasheet
561Kb / 8P
Magnetic Angle Sensor with Analog Output
PRAS26 ASM-SENSOR-PRAS26 Datasheet
849Kb / 7P
Magnetic Angle Sensor with Analog Output
logo
Advantech Co., Ltd.
TREK-668 ADVANTECH-TREK-668 Datasheet
942Kb / 2P
Premium In-vehicle Computing Box for Surveillance & Fleet Management
logo
WOLFSPEED, INC.
AMS6916 WOLFSPEED-AMS6916 Datasheet
902Kb / 9P
Board mount pressure sensor with ratiometric analog output
April 2019 Rev. 1.0
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com